Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

507-532-21 Datasheet(PDF) 1 Page - Marl International Limited

Part # 507-532-21
Description  Industrial panel lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

507-532-21 Datasheet(HTML) 1 Page - Marl International Limited

  507-532-21 Datasheet HTML 1Page - Marl International Limited 507-532-21 Datasheet HTML 2Page - Marl International Limited 507-532-21 Datasheet HTML 3Page - Marl International Limited 507-532-21 Datasheet HTML 4Page - Marl International Limited 507-532-21 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
507 series
• Ø8.1mm mounting
• Robust bright nickel plated brass housing
• Low profile styling, sunlight readable LEDs
• Sealed to IP67
• Internal reverse protection diode fitted as standard in all
voltage models
• Ideal for high vibration applications
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
507-501-21
Red
12 Vdc
19
600
630
-40 - +80
-40 - +100
D
507-521-21
Yellow
12 Vdc
19
600
585
-40 - +80
-40 - +100
D
507-532-21
Green
12 Vdc
20
800
515
-40 - +80
-40 - +100
F
507-930-21
Blue
12 Vdc
20
9870
465
-30 - +85
-40 - +100
U
507-997-21
White
12 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
507-501-23
Red
28 Vdc
20
600
630
-40 - +80
-40 - +100
D
507-521-23
Yellow
28 Vdc
20
600
585
-40 - +80
-40 - +100
D
507-532-23
Green
28 Vdc
20
800
515
-40 - +80
-40 - +100
F
507-930-23
Blue
28 Vdc
20
9870
465
-30 - +85
-40 - +100
U
507-997-23
White
28 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
997F-C
*Typical emission colour White
x
0.31
-
-
-
y
0.32
-
-
-
^ = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 507 - version 2013-12-03-173400
page 1 of 5


Similar Part No. - 507-532-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507-532-21 MARL-507-532-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
507-532-21 MARL-507-532-21 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
507-532-21-15 MARL-507-532-21-15 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
More results

Similar Description - 507-532-21

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
534-501-75_1312 MARL-534-501-75_1312 Datasheet
382Kb / 5P
   industrial panel lamps
511-501-21_1312 MARL-511-501-21_1312 Datasheet
432Kb / 5P
   industrial panel lamps
514-105-21_1309 MARL-514-105-21_1309 Datasheet
373Kb / 4P
   industrial panel lamps
538-501-75_1312 MARL-538-501-75_1312 Datasheet
395Kb / 5P
   industrial panel lamps
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
   industrial panel lamps
528-501-21_1312 MARL-528-501-21_1312 Datasheet
432Kb / 5P
   industrial panel lamps
537-501-75_1312 MARL-537-501-75_1312 Datasheet
316Kb / 5P
   industrial panel lamps
508-501-21_1312 MARL-508-501-21_1312 Datasheet
433Kb / 5P
   industrial panel lamps
512-501-21_1312 MARL-512-501-21_1312 Datasheet
432Kb / 5P
   industrial panel lamps
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   industrial panel lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com