Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R630 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R630
Description  PCB Accessories R600 Edge Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R630 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R630 Datasheet HTML 1Page - List of Unclassifed Manufacturers R630 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
69
www.vectorelect.com
800-423-5659
Specifications
Solder Type Insulator Material:
Phenolic, UL-94V-0 or glass filled Diallylphthalate UL-94V-1
or Ryton R10 or equivalent
Wire-Wrap Type Insulator:
Phenolic, UL-94V-0 or glass filled Diallylphthalate UL-94V-1
or Polyester (VALOX) or equivalent
UL-94V-0.
Contact Material:
Phosphor bronze QQ-B-750
Contact Plating:
.000010” gold over .000050” nickel
Test Voltage:
650 VAC
Rated Current:
3 AMPS
Contact Res. Drop:
30 mV Max. @ rated current
Insulation Resistance:
5000 megohms nominal @ 500 VDC
Operating Temperature:
-65 to +105 degrees C
PCB Accessories
Style 1
• Wire-Wrap .025” Sq. Posts
• Allows 3 level wraps
• Center Mount
• Use 28 to 32 AWG wire
• STD bus
This section contains parts and accessories for Vectorbord products. They are useful for board-level
prototyping and breadboarding. Prototypes are created in various ways; by computer design or by hand
- but with one thing in common: sooner or later, you have to make a physical board. It is at this stage
that Vectorbord and these parts and accessories may be useful to you. They are selected for conven-
ience and utility and they are readily available from your Vector distributors.
(Dimension table next page)
Centermount
R600 Edge Connectors
R636-1
R644-3C
R644-3F
R656-2
R680-1
CATALOG 128_CATALOG 126.qxd 6/14/2013 3:10 PM Page 69


Similar Part No. - R630

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
R6308-02 HARWIN-R6308-02 Datasheet
500Kb / 1P
   M3 CIRCULAR SLOTTED FEMALE SPACER
More results

Similar Description - R630

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
   Connectors and Accessories
660PS097 GLENAIR-660PS097 Datasheet
470Kb / 3P
   Connectors and Accessories
logo
Hirose Electric
TM-4-DC1 HIROSE-TM-4-DC1 Datasheet
43Kb / 1P
   MODULAR CONNECTORS(ACCESSORIES)
logo
Carlo Gavazzi Holding A...
CONB53NF-APT2P CARLOGAVAZZI-CONB53NF-APT2P Datasheet
337Kb / 3P
   General Accessories Connectors
logo
List of Unclassifed Man...
MS3420-8 ETC2-MS3420-8 Datasheet
130Kb / 9P
   GT Connectors - accessories
logo
Glenair, Inc.
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
   Connectors and Accessories
logo
List of Unclassifed Man...
IS-T-F ETC-IS-T-F Datasheet
309Kb / 1P
   THERMOCOUPLE CONNECTORS & ACCESSORIES
logo
Glenair, Inc.
970-007 GLENAIR-970-007 Datasheet
495Kb / 2P
   PowerTrip Connectors and Accessories
970-010 GLENAIR-970-010 Datasheet
304Kb / 2P
   PowerTrip Connectors and Accessories
370-024 GLENAIR-370-024 Datasheet
691Kb / 3P
   PowerTrip Connectors and Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com