Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT9013LT1 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MMBT9013LT1
Description  NPN EPITAXIAL SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMBT9013LT1 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  MMBT9013LT1 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD MMBT9013LT1 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Typical Characteristics
I (mA),COLLECTOR CURRENT
C
Current Gain Bandwidth Product
Vc =6V
E
1000
100
10
1
1
10
100
1000
10000
0
10
20
30
40
50
I =160
B
A
I =140
B
A
I =120
B
A
I =100
B
A
I =80
B
A
I =60
B
A
V (V),COLLECTOR-EMMITTER VOLTAGE
CE
Static Characteristic
20
18
16
14
12
10
8
6
4
2
0
I =40
B
A
I =20
B
A
1
10
100
1000
10000
DC Current Gain
I (mA),COLLECTOR CURRENT
C
1000
100
10
1
Vc =1V
E
1
10
100
1000
10000
Base-Emitter Saturation Voltage
Collector-Emitter Satruation Voltage
I (mA),COLLECT CURRENT
C
10000
1000
100
10
I =10 I
C
B
V (sat)
BE
V (sat)
CE
M M B T 9 0 1 3 L T 1
Tel: 0755-8324 8022 Fax 0755-8324 9522 Http:// www.wej.cn
SHEN ZHEN YONG ER JIA ELECTRONIC CO.,LTD.
RoHS


Similar Part No. - MMBT9013LT1

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
MMBT9013LT1 WINNERJOIN-MMBT9013LT1_15 Datasheet
152Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - MMBT9013LT1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com