Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5368CA Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A5368CA
Description  SMOKE DETECTOR WITH INTERCONNECT AND TIMER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5368CA Datasheet(HTML) 1 Page - Allegro MicroSystems

  A5368CA Datasheet HTML 1Page - Allegro MicroSystems A5368CA Datasheet HTML 2Page - Allegro MicroSystems A5368CA Datasheet HTML 3Page - Allegro MicroSystems A5368CA Datasheet HTML 4Page - Allegro MicroSystems A5368CA Datasheet HTML 5Page - Allegro MicroSystems A5368CA Datasheet HTML 6Page - Allegro MicroSystems A5368CA Datasheet HTML 7Page - Allegro MicroSystems A5368CA Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMOKE DETECTOR
WITH INTERCONNECT AND TIMER
The A5368CA is a low-current, CMOS circuit providing all of the
required features for an ionization-type smoke detector. A networking
capability allows as many as 125 units to be interconnected so that if
any unit senses smoke, all units will sound an alarm. In addition,
special features are incorporated to facilitate alignment and test of the
finished smoke detector. This device is designed to comply with
Underwriters Laboratories Specification UL217.
The internal oscillator and timing circuitry keeps standby power to
a minimum by powering down the device for 1.66 seconds and sensing
smoke for only 10 ms. Every 24 on/off cycles, a check is made for low
battery condition. By substituting other types of sensors, or a switch
for the ionization detector, this very-low power device can be used in
numerous other battery-operated safety/security applications.
The A5368CA is supplied in a low-cost, 16-pin dual in-line plastic
package. It is rated for continuous operation over the temperature
range of 0
°C to +50°C.
FEATURES
s Interconnect Up to 125 Detectors
s Piezoelectric Horn Driver
s Guard Outputs for Detector Input
s Pulse Testing for Low Battery
s Power-ON Reset
s Internal Reverse Battery Protection
s Internal Timer & Control for Reduced Sensitivity
s Built-In Hysteresis Reduces False Triggering
s Temporal Horn Pattern
Always order by complete part number: A5368CA .
ABSOLUTE MAXIMUM RATINGS
(Voltages are referenced to V
SS)
Supply Voltage Range,
V
DD
................................ -0.5 V to +15 V
Reverse Battery (10.5 V) ....................... 20 s
Input Voltage Range,
V
IN
........................ -0.3 V to V
DD
+ 0.3 V
Input Current, I
IN
............................... 10 mA
Operating Temperature Range,
T
A
..................................... 0
°C to +50°C
Storage Temperature Range,
T
S
............................... -55
°C to +125°C
CAUTION: CMOS devices have input static protection
but are susceptible to damage when exposed to
extremely high static electrical charges.
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
LOGIC
OSC. &
TIMING
HORN
DRIVER
GUARD
DETECT. IN
GUARD
SENSITIVITY
SET
OSC. CAP.
HORN
HORN
– SUPPLY
TIMER START
I / O
LOW-V SET
TIMER OUT
LED
+ SUPPLY
TIMING RES.
FEEDBACK
1
V DD
Dwg. PC-004
2
2
1
VSS
5368


Similar Part No. - A5368CA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5364 ALLEGRO-A5364 Datasheet
275Kb / 9P
   Low average standby current for long battery life
A5364CA ALLEGRO-A5364CA Datasheet
156Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
A5364CA ALLEGRO-A5364CA Datasheet
275Kb / 9P
   Low average standby current for long battery life
A5364CA-T ALLEGRO-A5364CA-T Datasheet
275Kb / 9P
   Low average standby current for long battery life
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
More results

Similar Description - A5368CA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5348 ALLEGRO-5348 Datasheet
90Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5347 ALLEGRO-5347 Datasheet
91Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5367CA ALLEGRO-A5367CA Datasheet
169Kb / 10P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5338 ALLEGRO-A5338 Datasheet
248Kb / 8P
   Smoke Detector with Interconnect and Timer
5358 ALLEGRO-5358 Datasheet
98Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
5349 ALLEGRO-5349 Datasheet
83Kb / 8P
   AC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
A5303 ALLEGRO-A5303 Datasheet
380Kb / 14P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com