Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22920LYZPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22920LYZPR
Description  Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22920LYZPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22920LYZPR Datasheet HTML 2Page - Texas Instruments TPS22920LYZPR Datasheet HTML 3Page - Texas Instruments TPS22920LYZPR Datasheet HTML 4Page - Texas Instruments TPS22920LYZPR Datasheet HTML 5Page - Texas Instruments TPS22920LYZPR Datasheet HTML 6Page - Texas Instruments TPS22920LYZPR Datasheet HTML 7Page - Texas Instruments TPS22920LYZPR Datasheet HTML 8Page - Texas Instruments TPS22920LYZPR Datasheet HTML 9Page - Texas Instruments TPS22920LYZPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
+
-
ON
OFF
TPS22920L
VIN
VOUT
R
L
C
L
TEST CIRCUIT
GND
(A)
GND
t
r
t
f
t
ON
t
OFF
90%
90%
10%
10%
t /t
WAVEFORMS
ON
OFF
V
ON
V
OUT
V
OUT
ON
GND
50%
50%
50%
50%
C = 1
IN
µF
t
D
TPS22920L
SLVSBT9A – AUGUST 2013 – REVISED AUGUST 2013
www.ti.com
PARAMETRIC MEASUREMENT INFORMATION
A.
Rise and fall times of the control signal is 100ns.
Figure 4. Test Circuit and tON/tOFF Waveforms
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS22920L


Similar Part No. - TPS22920LYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results

Similar Description - TPS22920LYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920 TI1-TPS22920_14 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com