Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22964CYZPT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22964CYZPT
Description  ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22964CYZPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22964CYZPT Datasheet HTML 4Page - Texas Instruments TPS22964CYZPT Datasheet HTML 5Page - Texas Instruments TPS22964CYZPT Datasheet HTML 6Page - Texas Instruments TPS22964CYZPT Datasheet HTML 7Page - Texas Instruments TPS22964CYZPT Datasheet HTML 8Page - Texas Instruments TPS22964CYZPT Datasheet HTML 9Page - Texas Instruments TPS22964CYZPT Datasheet HTML 10Page - Texas Instruments TPS22964CYZPT Datasheet HTML 11Page - Texas Instruments TPS22964CYZPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
0.000
0.200
0.400
0.600
0.800
1.000
1.200
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN (V)
-40°C
25°C
85°C
C005
V
ON = 0V, VOUT = 0V
0.000
0.200
0.400
0.600
0.800
1.000
1.200
-40
-15
10
35
60
85
Temperature (
ƒC)
VIN = 1V
VIN = 1.1V
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 4.5V
VIN = 5V
VIN = 5.5V
C026
V
ON = 0V, VOUT = 0V
0
10
20
30
40
50
60
70
80
90
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
IN (V)
-40°C
25°C
85°C
C001
V
OUT = Open, VON = VIN
0
20
40
60
80
100
-40
-15
10
35
60
85
Temperature (
ƒC)
VIN = 1V
VIN = 1.1V
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 4.5V
VIN = 5V
VIN = 5.5V
C002
V
OUT = Open, VON = VIN
0
5
10
15
20
25
30
35
40
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN (V)
-40°C
25°C
85°C
C003
I
OUT = -200mA
0
10
20
30
40
50
-40
-15
10
35
60
85
Temperature (
ƒC)
VIN = 1V
VIN = 1.1V
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 4.5V
VIN = 5V
VIN = 5.5V
C004
I
OUT = -200mA
TPS22963
TPS22964
SLVSBS6 – JUNE 2013
www.ti.com
TYPICAL ELECTRICAL CHARACTERISTICS
ON RESISTANCE vs VIN
ON RESISTANCE vs TEMPERATURE
QUIESCENT CURRENT vs VIN
QUIESCENT CURRENT vs TEMPERATURE
SHUT DOWN CURRENT vs VIN
SHUT DOWN CURRENT vs TEMPERATURE
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS22963 TPS22964


Similar Part No. - TPS22964CYZPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22964CYZPT TI-TPS22964CYZPT Datasheet
569Kb / 20P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT
TPS22964CYZPT TI1-TPS22964CYZPT Datasheet
1Mb / 28P
[Old version datasheet]   5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
TPS22964CYZPT TI-TPS22964CYZPT Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
More results

Similar Description - TPS22964CYZPT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22963 TI-TPS22963 Datasheet
569Kb / 20P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com