Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS24750 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24750
Description  12A eFuse Circuit Protector with Current Monitor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24750 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS24750 Datasheet HTML 5Page - Texas Instruments TPS24750 Datasheet HTML 6Page - Texas Instruments TPS24750 Datasheet HTML 7Page - Texas Instruments TPS24750 Datasheet HTML 8Page - Texas Instruments TPS24750 Datasheet HTML 9Page - Texas Instruments TPS24750 Datasheet HTML 10Page - Texas Instruments TPS24750 Datasheet HTML 11Page - Texas Instruments TPS24750 Datasheet HTML 12Page - Texas Instruments TPS24750 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
SET
LIM
IMON
SENSE
0.675 V
R
I
=
R
R
´
´
J(MAX)
C(MAX)
LIM
θJC(MAX)
T
T
P
<
R
-
SET
LIM
PROG
SENSE
IMON
84375
R
P
R
R
R
´
=
´
´
TPS24750
TPS24751
www.ti.com
SLVSC87 – OCTOBER 2013
OUT: This pin is connected to the source of the internal MOSFET inside the chip. It allows the device to measure
the drain-to-source voltage across the internal MOSFET. The power good indicator (PGb) relies upon this
information, as does the power limiting engine. The OUT pin should be bypassed to GND with a low-impedance
ceramic capacitor in the range of 10 nF to 1
μF. Connect all the OUT pins to output capacitors and load. In the
presence of cable inductance, the OUT pin should be protected from negative voltage transients by using a
clamping/Schottky diode.
OV: This pin is used to program the device overvoltage level. A voltage of more than 1.35 V on this pin turns off
the internal FET. A resistor divider connected from VCC to this pin provides overvoltage protection for the
downstream load. This pin should be tied to GND when not used.
PGb: This active low, open-drain output is intended to interface to downstream dc/dc converters or monitoring
circuits. PGb pulls low after the drain-to-source voltage of the internal FET has fallen below 150 mV and a 3.4
ms deglitch delay has elapsed. It goes open drain when VDS exceeds 220 mV. PGb assumes high impedance
status after a 3.4 ms deglitch delay once VDS of internal FET rises up, resulting from GATE being pulled to GND
at the following conditions:
An overload current fault occurs (VIMON > 675 mV) and the fault timer times out.
A hard output short circuit occurs, leading to V(VCC – SENSE) greater than 60 mV, that is, the fast-trip shutdown
threshold has been exceeded.
VEN is below its falling threshold.
VVCC drops below the UVLO threshold.
VOV is above its rising threshold.
Die temperature exceeds the OTSD threshold.
This pin can be left floating when not used.
PROG: A resistor from this pin to GND sets the maximum power permitted in the internal MOSFET during
inrush. Do not apply a voltage to this pin. If the constant power limit is not desired, use a PROG resistor of 4.99
k
Ω. To set the maximum power, use Equation 1,
(1)
where PLIM is the allowed power limit of the internal MOSFET. RSENSE is the load current monitoring resistor
connected between the VCC pin and the SENSE pin. RPROG is the resistor connected from the PROG pin to
GND. Both RPROG and RSENSE are in ohms and PLIM is in watts. PLIM is determined by the maximum allowed
thermal stress of internal MOSFET, given by Equation 2,
(2)
where TJ(MAX) is the maximum desired transient junction temperature and TC(MAX) is the maximum case
temperature prior to a start or restart. RӨJC(MAX) is the junction-to-case thermal impedance of the internal pass
FET in units of °C/W. Both TJ(MAX) and TC(MAX) are in °C.
SENSE: This pin connects to the negative terminal of RSENSE. It provides a means of sensing the voltage across
this resistor, as well as a way to monitor the drain-to-source voltage across the internal FET. The current limit ILIM
is set by Equation 3.
(3)
A fast-trip shutdown occurs when V(VCC – VSENSE) exceeds 60 mV.
SET: A resistor RSET is connected from this pin to the positive terminal of RSENSE. This resistor scales the current
limit and power limit settings. It coordinates with RIMON and RSENSE to determine the current limit value. The value
of RSET can be calculated from Equation 3 (see SENSE).
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS24750 TPS24751


Similar Part No. - TPS24750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24750RUVR TI1-TPS24750RUVR Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
TPS24750RUVT TI1-TPS24750RUVT Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
TPS24750 TI1-TPS24750_15 Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
More results

Similar Description - TPS24750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24750 TI1-TPS24750_15 Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
logo
Micrel Semiconductor
MIC2003 MICREL-MIC2003 Datasheet
683Kb / 16P
   Current Limiting Circuit Protector
logo
Texas Instruments
TPS25984 TI1-TPS25984_V01 Datasheet
7Mb / 70P
[Old version datasheet]   TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
TPS25985 TI1-TPS25985_V02 Datasheet
6Mb / 70P
[Old version datasheet]   TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS25984 TI-TPS25984 Datasheet
7Mb / 69P
[Old version datasheet]   TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
TPS25985 TI-TPS25985_V01 Datasheet
6Mb / 69P
[Old version datasheet]   TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
logo
Diodes Incorporated
ZXCT1086EV1 DIODES-ZXCT1086EV1 Datasheet
722Kb / 8P
   Current Monitor with wide supply
logo
Maxim Integrated Produc...
MAX4978 MAXIM-MAX4978 Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
logo
Texas Instruments
TPS25985 TI-TPS25985 Datasheet
5Mb / 61P
[Old version datasheet]   TPS25985x 4.5 V??6 V, 0.59-m廓, 70-A Stackable eFuse with Accurate and Fast Current Monitor
MAY 2022
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com