Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53515RVER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53515RVER
Description  1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53515RVER Datasheet(HTML) 1 Page - Texas Instruments

  TPS53515RVER Datasheet HTML 1Page - Texas Instruments TPS53515RVER Datasheet HTML 2Page - Texas Instruments TPS53515RVER Datasheet HTML 3Page - Texas Instruments TPS53515RVER Datasheet HTML 4Page - Texas Instruments TPS53515RVER Datasheet HTML 5Page - Texas Instruments TPS53515RVER Datasheet HTML 6Page - Texas Instruments TPS53515RVER Datasheet HTML 7Page - Texas Instruments TPS53515RVER Datasheet HTML 8Page - Texas Instruments TPS53515RVER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
60
70
80
90
100
0
2
4
6
8
10
12
Output Current (A)
Vout = 0.6 V
Vout = 1 V
Vout = 1.2 V
Vout = 1.5 V
Vout = 1.8 V
Vout = 2.5 V
Vout = 3.3 V
Vout = 5 V
C003
f
SW = 500 KHz, VIN = 12 V, VDD = 5 V
T
A = 25°C, L OUT = 1 H, Mode = Auto-skip
V
OUT = 0.6 V
V
OUT = 1.2 V
V
OUT = 1.8 V
V
OUT = 3.3 V
V
OUT = 1 V
V
OUT = 1.5 V
V
OUT = 2.5 V
V
OUT = 5 V
TPS53515
1
2
3
4
5
6
7
8
9
22
21
20
19
18
17
16
15
PGND
VIN
10
EN
11
12
13
14
PGND
PGND
PGND
PGND
PGOOD
23
28
GND2
27
GND1
26
DNC
25
TRIP
24
VO
Thermal Pad
VOUT
VREG
TPS53515
www.ti.com
SLUSBN5A – AUGUST 2013 – REVISED DECEMBER 2013
1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT™
Converter
1
FEATURES
APPLICATIONS
2
Integrated 13.8 and 5.9 m
Ω MOSFETs With
Server and Cloud-Computing POLs
12-A Continuous Output Current
Broadband, Networking, and Optical
Supports All Ceramic Output Capacitors
Communications Infrastructure
Reference Voltage 600 mV ±0.5% Tolerance
I/O Supplies
Output Voltage Range: 0.6 V to 5.5 V
Supported at the WEBENCH™ Design Center
D-CAP3™ Control Mode With Fast Load-Step
DESCRIPTION
Response
The TPS53515 is a small-sized, synchronous buck
Auto-Skipping Eco-mode™ for High Light-
converter with an adaptive on-time D-CAP3™ control
Load Efficiency
mode.
The
device
offers
ease-of-use
and
low
FCCM for Tight Output Ripple and Voltage
external-component count for space-conscious power
Requirements
systems.
Eight Selectable Frequency Settings from
This device features high-performance integrated
200 kHz to 1 MHz
MOSFETs, accurate 0.5% 0.6-V reference, and an
Pre-Charged Startup Capability
integrated boost switch. Competitive features include
very-low
external-component
count,
fast
load-
Built-in Output Discharge Circuit
transient
response,
auto-skip
mode
operation,
Open-Drain Power-Good Output
internal soft-start control, and no requirement for
3.5 mm × 4.5 mm , 28-Pin, QFN Package
compensation
A forced continuous conduction mode helps meet
tight voltage regulation accuracy requirements for
performance DSPs and FPGAs. The TPS53515 is
available in a 28-pin QFN package and is specified
from –40°C to +85°C ambient temperature.
.
.
EFFICIENCY
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT, D-CAP3, Eco-mode, WEBENCH are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS53515RVER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53515EVM-587 TI-TPS53515EVM-587 Datasheet
476Kb / 20P
[Old version datasheet]   High Performance 12-A, Single-Synchronous, Step-Down Converter
TPS53515 TI-TPS53515_15 Datasheet
5Mb / 39P
[Old version datasheet]   TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
More results

Similar Description - TPS53515RVER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53515 TI-TPS53515_15 Datasheet
5Mb / 39P
[Old version datasheet]   TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS53513 TI1-TPS53513 Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V Input, 8-A Single Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com