Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53515RVET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53515RVET
Description  1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53515RVET Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53515RVET Datasheet HTML 2Page - Texas Instruments TPS53515RVET Datasheet HTML 3Page - Texas Instruments TPS53515RVET Datasheet HTML 4Page - Texas Instruments TPS53515RVET Datasheet HTML 5Page - Texas Instruments TPS53515RVET Datasheet HTML 6Page - Texas Instruments TPS53515RVET Datasheet HTML 7Page - Texas Instruments TPS53515RVET Datasheet HTML 8Page - Texas Instruments TPS53515RVET Datasheet HTML 9Page - Texas Instruments TPS53515RVET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TPS53515
SLUSBN5A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
PIN DESCRIPTIONS (continued)
PIN
I/O(1) DESCRIPTION
NAME
NO.
TRIP is the OCL detection threshold setting pin. ITRIP = 10 µA at room temp, 3000 ppm/°C current is
TRIP
25
I/O
sourced and sets the OCL trip voltage. See the Current Sense and Overcurrent Protection section for
detailed OCP setting.
VBST is the supply rail for the high-side gate driver (boost terminal). Connect the bootstrap capacitor
VBST
4
P
from this pin to the SW node. Internally connected to VREG via bootstrap PMOS switch.
VDD
19
P
Power-supply input pin for controller. Input of the VREG LDO. The input range is from 4.5 to 25 V.
15
VIN
16
P
VIN is the conversion power-supply input pins.
17
VREG
20
O
VREG is the 5-V LDO output. This voltage supplies the internal circuitry and gate driver.
VO
24
I
VOUT voltage input to the controller.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - TPS53515RVET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53515EVM-587 TI-TPS53515EVM-587 Datasheet
476Kb / 20P
[Old version datasheet]   High Performance 12-A, Single-Synchronous, Step-Down Converter
TPS53515 TI-TPS53515_15 Datasheet
5Mb / 39P
[Old version datasheet]   TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
More results

Similar Description - TPS53515RVET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53515 TI-TPS53515_15 Datasheet
5Mb / 39P
[Old version datasheet]   TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS53513 TI1-TPS53513 Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V Input, 8-A Single Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com