Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54360QDDAQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54360QDDAQ1
Description  4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54360QDDAQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54360QDDAQ1 Datasheet HTML 3Page - Texas Instruments TPS54360QDDAQ1 Datasheet HTML 4Page - Texas Instruments TPS54360QDDAQ1 Datasheet HTML 5Page - Texas Instruments TPS54360QDDAQ1 Datasheet HTML 6Page - Texas Instruments TPS54360QDDAQ1 Datasheet HTML 7Page - Texas Instruments TPS54360QDDAQ1 Datasheet HTML 8Page - Texas Instruments TPS54360QDDAQ1 Datasheet HTML 9Page - Texas Instruments TPS54360QDDAQ1 Datasheet HTML 10Page - Texas Instruments TPS54360QDDAQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
−2.5
−2.3
−2.1
−1.9
−1.7
−1.5
−1.3
−1.1
−0.9
−0.7
−0.5
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 5 V, IEN = Threshold+50mV
G011
−5
−4.9
−4.8
−4.7
−4.6
−4.5
−4.4
−4.3
−4.2
−4.1
−4
−50
−25
0
25
50
75
100
125
150
Tj − Junction Temperature (°C)
VIN = 12 V, IEN = Threshold+50mV
G012
20
30
40
50
60
70
80
90
100
110
120
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G009
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G010
0
500
1000
1500
2000
2500
0
50
100
150
200
RT/CLK − Resistance (k
Ω)
G007
200
250
300
350
400
450
500
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G008
TPS54360-Q1
www.ti.com
SLVSBZ2 – SEPTEMBER 2013
TYPICAL CHARACTERISTICS (continued)
SWITCHING FREQUENCY vs RT/CLK RESISTANCE
HIGH FREQUENCY RANGE
EA TRANSCONDUCTANCE vs JUNCTION TEMPERATURE
Figure 7.
Figure 8.
EA TRANSCONDUCTANCE DURING SOFT-START vs
JUNCTION TEMPERATURE
EN PIN VOLTAGE vs JUNCTION TEMPERATURE
Figure 9.
Figure 10.
EN PIN CURRENT vs JUNCTION TEMPERATURE
EN PIN CURRENT vs JUNCTION TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54360-Q1


Similar Part No. - TPS54360QDDAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54360 TI1-TPS54360 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results

Similar Description - TPS54360QDDAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI1-TPS54560_13 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com