Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54540-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54540-Q1
Description  4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54540-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54540-Q1 Datasheet HTML 7Page - Texas Instruments TPS54540-Q1 Datasheet HTML 8Page - Texas Instruments TPS54540-Q1 Datasheet HTML 9Page - Texas Instruments TPS54540-Q1 Datasheet HTML 10Page - Texas Instruments TPS54540-Q1 Datasheet HTML 11Page - Texas Instruments TPS54540-Q1 Datasheet HTML 12Page - Texas Instruments TPS54540-Q1 Datasheet HTML 13Page - Texas Instruments TPS54540-Q1 Datasheet HTML 14Page - Texas Instruments TPS54540-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
OUT(max)
(max)
IN(min)
OUT(max)
DS(on)
OUT(max)
L
V
D
x (V
- I
x R
VF) - VF
I
x R
=
+
+
TPS54540-Q1
www.ti.com
SLVSC56A – SEPTEMBER 2013 – REVISED OCTOBER 2013
When in Eco-mode, the COMP pin voltage is clamped at 600 mV and the high side MOSFET is inhibited. Since
the device is not switching, the output voltage begins to decay. The voltage control loop responds to the falling
output voltage by increasing the COMP pin voltage. The high side MOSFET is enabled and switching resumes
when the error amplifier lifts COMP above the pulse skipping threshold. The output voltage recovers to the
regulated value, and COMP eventually falls below the Eco-mode pulse skipping threshold at which time the
device again enters Eco-mode. The internal PLL remains operational when in Eco-mode. When operating at light
load currents in Eco-mode, the switching transitions occur synchronously with the external clock signal.
During Eco-mode operation, the TPS54540-Q1 senses and controls peak switch current, not the average load
current. Therefore the load current at which the device enters Eco-mode is dependent on the output inductor
value. The circuit in enters Eco-mode at about 25.3 mA output current. As the load current approaches zero, the
device enters a pulse skip mode during which it draws only 146
μA input quiescent current.
Low Dropout Operation and Bootstrap Voltage (BOOT)
The TPS54540-Q1 provides an integrated bootstrap voltage regulator. A small capacitor between the BOOT and
SW pins provides the gate drive voltage for the high side MOSFET. The BOOT capacitor is refreshed when the
high side MOSFET is off and the external low side diode conducts. The recommended value of the BOOT
capacitor is 0.1
μF. A ceramic capacitor with an X7R or X5R grade dielectric with a voltage rating of 10 V or
higher is recommended for stable performance over temperature and voltage.
When operating with a low voltage difference from input to output, the high side MOSFET of the TPS54540-Q1
will operate at 100% duty cycle as long as the BOOT to SW pin voltage is greater than 2.1V. When the voltage
from BOOT to SW drops below 2.1V, the high side MOSFET is turned off and an integrated low side MOSFET
pulls SW low to recharge the BOOT capacitor. To reduce the losses of the small low side MOSFET at high
output voltages, it is disabled at 24 V output and re-enabled when the output reaches 21.5 V.
Since the gate drive current sourced from the BOOT capacitor is small, the high side MOSFET can remain on for
many switching cycles before the MOSFET is turned off to refresh the capacitor. Thus the effective duty cycle of
the switching regulator can be high, approaching 100%. The effective duty cycle of the converter during dropout
is mainly influenced by the voltage drops across the power MOSFET, the inductor resistance, the low side diode
voltage and the printed circuit board resistance.
The start and stop voltage for a typical 5 V output application is shown in Figure 22 where the Vin voltage is
plotted versus load current. The start voltage is defined as the input voltage needed to regulate the output within
1% of nominal. The stop voltage is defined as the input voltage at which the output drops by 5% or where
switching stops.
During high duty cycle (low dropout) conditions, inductor current ripple increases when the BOOT capacitor is
being recharged resulting in an increase in output voltage ripple. Increased ripple occurs when the off time
required to recharge the BOOT capacitor is longer than the high side off time associated with cycle by cycle
PWM control.
At heavy loads, the minimum input voltage must be increased to insure a monotonic startup. Equation 1 can be
used to calculate the minimum input voltage for this condition.
R
(1)
Where:
Dmax
≥ 0.9
IB2SW = 100 µA
VF = Forward Drop of the Catch Diode
TSW = 1 / Fsw
VB2SW = VBOOT + VF
VBOOT = (1.41 x VIN - 0.554 - VF / TSW - 1.847 x 10
3 x IB2SW) / (1.41 + 1 / Tsw)
RDS(on) = 1 / (-0.3 x VB2SW
2 + 3.577 x VB2SW - 4.246)
spacer
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS54540-Q1


Similar Part No. - TPS54540-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
More results

Similar Description - TPS54540-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540B TI1-TPS54540B Datasheet
3Mb / 50P
[Old version datasheet]   4.5-V to 42-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54540 TI-TPS54540 Datasheet
1Mb / 38P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54540 TI-TPS54540_15 Datasheet
2Mb / 46P
[Old version datasheet]   TPS54540 4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com