Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54560-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54560-Q1
Description  4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54560-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54560-Q1 Datasheet HTML 2Page - Texas Instruments TPS54560-Q1 Datasheet HTML 3Page - Texas Instruments TPS54560-Q1 Datasheet HTML 4Page - Texas Instruments TPS54560-Q1 Datasheet HTML 5Page - Texas Instruments TPS54560-Q1 Datasheet HTML 6Page - Texas Instruments TPS54560-Q1 Datasheet HTML 7Page - Texas Instruments TPS54560-Q1 Datasheet HTML 8Page - Texas Instruments TPS54560-Q1 Datasheet HTML 9Page - Texas Instruments TPS54560-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
450
460
470
480
490
500
510
520
530
540
550
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
Series1
C029
R
T = 200 k,
V
IN = 12 V
100
150
200
250
300
350
400
450
500
200
300
400
500
600
700
800
900
1000
RT/CLK - Resistance (k
)
C030
F
SW (kHz) = 92417 x RT (k)
±0.991
R
T (k) = 101756 x FSW (kHz)
±1.008
6
6.5
7
7.5
8
8.5
9
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
Series2
C027
V
IN = 12 V
6
6.5
7
7.5
8
8.5
9
0
10
20
30
40
50
60
V
I - Input Voltage (V)
Series1
Series2
Series4
C028
±40 ƒC
25
ƒC
150
ƒC
0
0.05
0.1
0.15
0.2
0.25
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
BOOT-SW = 3 V
BOOT-SW = 6 V
C025
0.784
0.789
0.794
0.799
0.804
0.809
0.814
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
Series1
C026
V
IN = 12 V
TPS54560-Q1
SLVSBZ0 – SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
ON RESISTANCE vs JUNCTION TEMPERATURE
VOLTAGE REFERENCE vs JUNCTION TEMPERATURE
Figure 1.
Figure 2.
SWITCH CURRENT LIMIT vs JUNCTION TEMPERATURE
SWITCH CURRENT LIMIT vs INPUT VOLTAGE
Figure 3.
Figure 4.
SWITCHING FREQUENCY vs RT/CLK RESISTANCE
SWITCHING FREQUENCY vs JUNCTION TEMPERATURE
LOW FREQUENCY RANGE
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54560-Q1


Similar Part No. - TPS54560-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54560 TI-TPS54560 Datasheet
1Mb / 39P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54560 TI1-TPS54560 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI1-TPS54560 Datasheet
2Mb / 46P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560 Datasheet
1Mb / 40P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
MARCH 2013
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
More results

Similar Description - TPS54560-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI1-TPS54560_13 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560 Datasheet
1Mb / 39P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54560 TI1-TPS54560_17 Datasheet
2Mb / 46P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560_V01 Datasheet
1Mb / 40P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
MARCH 2013
TPS54560 TI-TPS54560_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS54560 4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54561-Q1 TI-TPS54561-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode?
TPS54561-Q1 TI1-TPS54561-Q1_16 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com