Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS2807Y250G4 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS2807Y250G4
Description  Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS2807Y250G4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS2807Y250G4 Datasheet HTML 1Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 2Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 3Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 4Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 5Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 6Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 7Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 8Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADS2807
5
SBAS169B
www.ti.com
PIN
I/O
DESIGNATOR
DESCRIPTION
1
GND
Ground
2
GND
Ground
3+VS
+5V Supply
4
GND
Ground
5+VS
+5V Supply
6I
OEB
Output Enable, Channel B
7
GND
GND
8VDRVB
Logic Driver Supply Voltage, Channel B
9
O
OVRB
Over-Range Indicator, Channel B
10
O
B12 (LSB)
Data Bit 12 (D0), Channel B
11
O
B11
Data Bit 11 (D1), Channel B
12
O
B10
Data Bit 10 (D2), Channel B
13
O
B9
Data Bit 9 (D3), Channel B
14
O
B8
Data Bit 8 (D4), Channel B
15
O
B7
Data Bit 7 (D5), Channel B
16
O
B6
Data Bit 6 (D6), Channel B
17
O
B5
Data Bit 5 (D7), Channel B
18
O
B4
Data Bit 4 (D8), Channel B
19
O
B3
Data Bit 3 (D9), Channel B
20
O
B2
Data Bit 2 (D10), Channel B
21
O
B1 (MSB)
Data Bit 1 (D11), Channel B
22
O
DVB
Data Valid, Channel B
23
GND
Ground
24
I
CLK
Clock
25
GND
Ground
26
O
DVA
Data Valid, Channel A
27
O
A12 (LSB)
Data Bit 12 (D0), Channel A
28
O
A11
Data Bit 11 (D1), Channel A
29
O
A10
Data Bit 10 (D2), Channel A
30
O
A9
Data Bit 9 (D3), Channel A
31
O
A8
Data Bit 8 (D4), Channel A
32
O
A7
Data Bit 7 (D5), Channel A
33
O
A6
Data Bit 6 (D6), Channel A
PIN DESCRIPTIONS
PIN
I/O
DESIGNATOR
DESCRIPTION
34
O
A5
Data Bit 5 (D7), Channel A
35
O
A4
Data Bit 4 (D8), Channel A
36
O
A3
Data Bit 3 (D9), Channel A
37
O
A2
Data Bit 2 (D10), Channel A
38
O
A1 (MSB)
Data Bit 1 (D11), Channel A
39
O
OVRA
Over-Range Indicator, Channel A
40
VDRVA
Logic Driver Supply Voltage, Channel A
41
GND
Ground
42
I
OEA
Output Enable, Channel A
43
+VS
+5V Supply
44
GND
Ground
45
I
SEL
Input Range Select: HIGH = 3V, LOW = 2V
46
+VS
+5V Supply
47
GND
Ground
48
GND
Ground
49
GND
Ground
50
I
INA
Analog Input, Channel A
51
I
INA
Complementary Analog Input, Channel A
52
O
CMA
Common-Mode, Channel A
53
I/O
REFTA
Top Reference/Bypass, Channel A
54
I/O
REFBA
Bottom Reference/Bypass, Channel A
55
GND
Ground
56
I
INT/EXT
Reference Select: HIGH = External,
LOW = Internal 50k
Ω Pull-Up Resistor
57
+VS
+5V Supply
58
GND
Ground
59
I/O
REFBB
Bottom Reference/Bypass, Channel B
60
I/O
REFTB
Top Reference/Bypass, Channel B
61
O
CMB
Common-Mode, Channel B
62
I
INB
Complementary Analog Input, Channel B
63
I
INB
Analog Input, Channel B
64
GND
Ground


Similar Part No. - ADS2807Y250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS2807Y250G4 TI-ADS2807Y250G4 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS2807Y250G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS2807 BURR-BROWN-ADS2807 Datasheet
377Kb / 19P
   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS2807Y1K5 TI-ADS2807Y1K5 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS2806 BURR-BROWN-ADS2806 Datasheet
378Kb / 19P
   Dual, 12-Bit, 32MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com