Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2595S-5.0 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2595S-5.0
Description  LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2595S-5.0 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2595S-5.0 Datasheet HTML 7Page - Texas Instruments LM2595S-5.0 Datasheet HTML 8Page - Texas Instruments LM2595S-5.0 Datasheet HTML 9Page - Texas Instruments LM2595S-5.0 Datasheet HTML 10Page - Texas Instruments LM2595S-5.0 Datasheet HTML 11Page - Texas Instruments LM2595S-5.0 Datasheet HTML 12Page - Texas Instruments LM2595S-5.0 Datasheet HTML 13Page - Texas Instruments LM2595S-5.0 Datasheet HTML 14Page - Texas Instruments LM2595S-5.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
LM2595
www.ti.com
SNVS122B – MAY 1999 – REVISED APRIL 2013
If open core inductors are used, special care must be taken as to the location and positioning of this type of
inductor. Allowing the inductor flux to intersect sensitive feedback, lC groundpath and COUT wiring can cause
problems.
When using the adjustable version, special care must be taken as to the location of the feedback resistors and
the associated wiring. Physically locate both resistors near the IC, and route the wiring away from the inductor,
especially an open core type of inductor. (See Application Information section for more information.)
Table 1. LM2595 Series Buck Regulator Design Procedure (Fixed Output)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
Given:
Given:
VOUT = Regulated Output Voltage (3.3V, 5V or 12V)
VOUT = 5V
VIN(max) = Maximum DC Input Voltage
VIN(max) = 12V
ILOAD(max) = Maximum Load Current
ILOAD(max) = 1A
1. Inductor Selection (L1)
1. Inductor Selection (L1)
A. Select the correct inductor value selection guide from Figure 22 , A. Use the inductor selection guide for the 5V version shown in
Figure 23, or Figure 24. (Output voltages of 3.3V, 5V, or 12V Figure 23.
respectively.) For all other voltages, see the Design Procedure for B. From the inductor value selection guide shown in Figure 23, the
the adjustable version.
inductance region intersected by the 12V horizontal line and the 1A
B. From the inductor value selection guide, identify the inductance vertical line is 68
μH, and the inductor code is L30.
region intersected by the Maximum Input Voltage line and the C. The inductance value required is 68 μH. From the table in
Maximum Load Current line. Each region is identified by an Table 5, go to the L30 line and choose an inductor part number from
inductance value and an inductor code (LXX).
any of the four manufacturers shown. (In most instance, both
C. Select an appropriate inductor from the four manufacturer's part through hole and surface mount inductors are available.)
numbers listed in Table 5.
2. Output Capacitor Selection (COUT)
2. Output Capacitor Selection (COUT)
A. In the majority of applications, low ESR (Equivalent Series A. See section on output capacitors in Application Information
Resistance) electrolytic capacitors between 47
μF and 330 μF and section.
low ESR solid tantalum capacitors between 56
μF and 270 μF B. From the quick design component selection table shown in
provide the best results. This capacitor should be located close to Table 2, locate the 5V output voltage section. In the load current
the IC using short capacitor leads and short copper traces. Do not column, choose the load current line that is closest to the current
use capacitors larger than 330
μF.
needed in your application, for this example, use the 1A line. In the
For additional information, see section on output capacitors in maximum input voltage column, select the line that covers the input
Application Information section.
voltage needed in your application, in this example, use the 15V line.
Continuing on this line are recommended inductors and capacitors
B. To simplify the capacitor selection procedure, refer to the quick
that will provide the best overall performance.
design component selection table shown in Table 2. This table
contains different input voltages, output voltages, and load currents, The capacitor list contains both through hole electrolytic and surface
and lists various inductors and output capacitors that will provide the mount
tantalum
capacitors
from
four
different
capacitor
best design solutions.
manufacturers. It is recommended that both the manufacturers and
the manufacturer's series that are listed in the table be used.
C. The capacitor voltage rating for electrolytic capacitors should be
at least 1.5 times greater than the output voltage, and often much In this example aluminum electrolytic capacitors from several
higher voltage ratings
are
needed
to satisfy the low
ESR different manufacturers are available with the range of ESR numbers
requirements for low output ripple voltage.
needed.
D. For computer aided design software, see Switchers Made Simple
220
μF
25V
Panasonic HFQ Series
version 4.2 or later.
220
μF
25V
Nichicon PL Series
C. For a 5V output, a capacitor voltage rating at least 7.5V or more
is needed. But, in this example, even a low ESR, switching grade,
220
μF
10V
aluminum
electrolytic
capacitor
would
exhibit
approximately 225 m
Ω of ESR (see the curve in Figure 27 for the
ESR vs voltage rating). This amount of ESR would result in relatively
high output ripple voltage. To reduce the ripple to 1% of the output
voltage, or less, a capacitor with a higher voltage rating (lower ESR)
should be selected. A 16V or 25V capacitor will reduce the ripple
voltage by approximately half.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2595


Similar Part No. - LM2595S-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2595S-5.0 NSC-LM2595S-5.0 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2595S-5.0 TI1-LM2595S-5.0 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595S-5.0 TI1-LM2595S-5.0 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2595S-5.0 UMW-LM2595S-5.0 Datasheet
986Kb / 11P
   2A 150KHZ DC switching voltagestabilizing circuit
logo
Texas Instruments
LM2595S-5.0/NOPB TI1-LM2595S-5.0/NOPB Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results

Similar Description - LM2595S-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2591HV TI-LM2591HV_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com