Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65000TRTERQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65000TRTERQ1
Description  2.25-MHz Step-Down Converter With Dual LDOs and SVS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65000TRTERQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65000TRTERQ1 Datasheet HTML 1Page - Texas Instruments TPS65000TRTERQ1 Datasheet HTML 2Page - Texas Instruments TPS65000TRTERQ1 Datasheet HTML 3Page - Texas Instruments TPS65000TRTERQ1 Datasheet HTML 4Page - Texas Instruments TPS65000TRTERQ1 Datasheet HTML 5Page - Texas Instruments TPS65000TRTERQ1 Datasheet HTML 6Page - Texas Instruments TPS65000TRTERQ1 Datasheet HTML 7Page - Texas Instruments TPS65000TRTERQ1 Datasheet HTML 8Page - Texas Instruments TPS65000TRTERQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS65000-Q1
SLVSC45A – AUGUST 2013 – REVISED OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over full operating ambient temperature range, typical values are at TA = 25° C. Unless otherwise noted, specifications apply
for condition VIN = EN_LDOx = EN_DCDC = 3.6 V. External components L = 2.2 μH, COUT = 10 μF, CIN = 4.7 μF, (see the
parameter measurement information).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tStart
Start-up time
EN_DCDC to start of switching (10%)
250
μs
tRamp
VDCDC ramp-up time
VDCDC ramp from 10% to 90%
250
μs
Internal discharge resistance at
EN_DCDC low
RDIS
450
SW
LOW-DROPOUT REGULATORS
VI
Input voltage for LDOx (VINLDOx)
1.6
6
V
Adjustable output voltage, LDOx
VO
0.73
VINLDOx - VDO
V
(VLDOx)(4)
IO
Continuous-pass FET current
300
mA
2.3 V
≤ VINLDOx
340
700
ISC
Short-circuit current limit
mA
VINLDOx < 2.3 V
210
700
FB_LDOx pin current
0.1
μA
FB_LDOx voltage
Adjustable VOUT mode only
0.5
V
VINLDOx
≥ 2.3 V, IOUT = 250 mA
370
mV
VDO
Dropout voltage (5)
VINLDOx < 2.3 V, IOUT = 175 mA
370
mV
IO = 1 mA to 300 mA, VINLDOx = 2.3 V–6 V,
–3.5%
3.5%
VLDOx = 1.2 V
Output voltage accuracy (6)
IO = 1 mA to 175 mA, VINLDOx = 1.6 V–6 V,
–3.5%
3.5%
VLDOx = 1.2 V
IO = 1 mA to 300 mA, VINLDOx = 3.6 V
Load regulation
–1.5%
1.5%
VLDOx = 1.2 V
VINLDOx = 1.6 V–6 V, VLDOx = 1.2 V at
Line regulation
–0.5%
0.5%
IO = 1 mA
fNOISE ≤ 10 kHz, COUT ≥ 2.2 μF, VIN = 2.3 V,
PSRR
Power-supply rejection ratio
40
dB
VOUT = 1.3 V, IOUT = 10 mA
tRAMP
VLDOx ramp time
VLDOx ramp from 10% to 90%
200
μs
Internal discharge resistance at
RDIS
EN_LDOx low
450
VLDOx
TSD
Thermal shutdown
Increasing temperature
150
°C
Thermal shutdown hysteresis
Decreasing temperature
30
°C
(4)
Maximum output voltage VLDOx = 3.6 V.
(5)
VDO = VINLDOx – VLDOx, where VINLDOx = VLDOx(nom) – 100 mV
(6)
Output voltage specification does not include tolerance of external programming resistors.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS65000-Q1


Similar Part No. - TPS65000TRTERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000TRTERQ1 TI1-TPS65000TRTERQ1 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
More results

Similar Description - TPS65000TRTERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com