Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFL183G55TC3C218 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # LFL183G55TC3C218
Description  Filters for Communication Equipment
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFL183G55TC3C218 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  LFL183G55TC3C218 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFL183G55TC3C218 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFL183G55TC3C218 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LFL183G55TC3C218 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LFL183G55TC3C218 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFL183G55TC3C218 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFL183G55TC3C218 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFL183G55TC3C218 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFL183G55TC3C218 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Filters for Communication Equipment
7
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation
(Absolute Value) I)
(dB)
Attenuation
(Absolute Value) II)
(dB)
Application
Continued from the preceding page.
LFB312G45SG2A509
2450
fo
±50
2 max.
(at 25
°C)
38 min.
at 902~928MHz
15 min.
at 2100~2200MHz
WLAN/BT
LFB312G45SG7A572
2450
fo
±50
2.5 max.
(at 25
°C)
37 min.
at 902~928MHz
20 min.
at 2100~2200MHz
WLAN/BT
o LFB31_SP Series (1206)
LFB31_SP Series
(1)
(3)
(2)
(4)
3.20
±0.15
1.3
±0.1
Directional
Input Mark
0.25
±0.15
1.35
±0.20 0.50±0.15
(1) IN
(2) GND
(3) OUT
(4) GND
(in mm)
* All the technical data and Information contained herein are
subject to change without prior notice.
Frequency Characteristics
Frequency Range (GHz)
1.75
0.5
3.0
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation
(Absolute Value) I)
(dB)
Attenuation
(Absolute Value) II)
(dB)
Application
LFB311G90SP1-798
1906.5
fo
±13.5
1.0 max.
(at 25
°C)
40.0 min.
at 1405~1440MHz
12.0 min.
at 1649~1680MHz
PHS
LFB312G45SP1A502
2450
fo
±50
1.2 max.
(at 25
°C)
20 min.
at 902~928MHz
35 min.
at 1500~1550MHz
WLAN/BT
for RF/Local
Chip Multilayer LC Filters (LPF)
o LFL15_TC (0402) /LFL18_TC (0603) Series
LFL15_TC Series
1.00
±0.05
0.4 max.
(1)
(4)
(2)
(3)
0.10
±0.05
0.35
±0.10 0.3±0.1
A : Directional Input Mark
All the technical data and information contained
herein are subject to change without prior notice.
(1)(3) : GND
(2) : OUT
(4) : IN
(in mm)
A
Frequency Characteristics
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
45
2.35
4.95
7.55
Frequency Range (GHz)
Continued on the following page.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
10.12.17


Similar Part No. - LFL183G55TC3C218

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL183G55TC3C218 MURATA1-LFL183G55TC3C218 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
More results

Similar Description - LFL183G55TC3C218

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
LFL215G78TC1A155 MURATA-LFL215G78TC1A155 Datasheet
474Kb / 17P
   Filters for Communication Equipment
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com