Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7828EB250G4 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS7828EB250G4
Description  12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7828EB250G4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS7828EB250G4 Datasheet HTML 1Page - Texas Instruments ADS7828EB250G4 Datasheet HTML 2Page - Texas Instruments ADS7828EB250G4 Datasheet HTML 3Page - Texas Instruments ADS7828EB250G4 Datasheet HTML 4Page - Texas Instruments ADS7828EB250G4 Datasheet HTML 5Page - Texas Instruments ADS7828EB250G4 Datasheet HTML 6Page - Texas Instruments ADS7828EB250G4 Datasheet HTML 7Page - Texas Instruments ADS7828EB250G4 Datasheet HTML 8Page - Texas Instruments ADS7828EB250G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ADS7828
2
SBAS181C
www.ti.com
MAXIMUM
INTEGRAL
SPECIFIED
LINEARITY
PACKAGE
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB)
PACKAGE-LEAD
DESIGNATOR
RANGE
NUMBER
MEDIA, QUANTITY
ADS7828E
±2
TSSOP-16
PW
–40
°C to +85°C
ADS7828E/250
Tape and Reel, 250
""
"
"
"
ADS7828E/2K5
Tape and Reel, 2500
ADS7828EB
±1
TSSOP-16
PW
–40
°C to +85°C
ADS7828EB/250
Tape and Reel, 250
""
"
"
"
ADS7828EB/2K5
Tape and Reel, 2500
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI web site at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
ABSOLUTE MAXIMUM RATINGS(1)
+VDD to GND ........................................................................ –0.3V to +6V
Digital Input Voltage to GND ................................. –0.3V to +VDD + 0.3V
Operating Temperature Range ...................................... –40
°C to +105°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature (TJ max) .................................................... +150°C
TSSOP Package
Power Dissipation .................................................... (TJ max – TA)/θJA
θ
JA Thermal Impedance ........................................................ 240°C/W
Lead Temperature, Soldering
Vapor Phase (60s) ............................................................ +215
°C
Infrared (15s) ..................................................................... +220
°C
NOTE: (1) Stresses above those listed under
Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PIN CONFIGURATION
Top View
TSSOP
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
CH0
Analog Input Channel 0
2
CH1
Analog Input Channel 1
3
CH2
Analog Input Channel 2
4
CH3
Analog Input Channel 3
5
CH4
Analog Input Channel 4
6
CH5
Analog Input Channel 5
7
CH6
Analog Input Channel 6
8
CH7
Analog Input Channel 7
9
GND
Analog Ground
10
REFIN / REFOUT Internal +2.5V Reference, External Reference Input
11
COM
Common to Analog Input Channel
12
A0
Slave Address Bit 0
13
A1
Slave Address Bit 1
14
SCL
Serial Clock
15
SDA
Serial Data
16
+VDD
Power Supply, 3.3V Nominal
1
2
3
4
5
6
7
8
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
+V
DD
SDA
SCL
A1
A0
COM
REF
IN / REFOUT
GND
16
15
14
13
12
11
10
9
ADS7828


Similar Part No. - ADS7828EB250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828EB TI1-ADS7828EB Datasheet
876Kb / 22P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7828EB/250 TI-ADS7828EB/250 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828EB/250 TI1-ADS7828EB/250 Datasheet
876Kb / 22P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7828EB/250G4 TI1-ADS7828EB/250G4 Datasheet
876Kb / 22P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7828EB/2K5 TI-ADS7828EB/2K5 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results

Similar Description - ADS7828EB250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
[Old version datasheet]   12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
[Old version datasheet]   LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com