Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7835E250G4 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS7835E250G4
Description  12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7835E250G4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS7835E250G4 Datasheet HTML 1Page - Texas Instruments ADS7835E250G4 Datasheet HTML 2Page - Texas Instruments ADS7835E250G4 Datasheet HTML 3Page - Texas Instruments ADS7835E250G4 Datasheet HTML 4Page - Texas Instruments ADS7835E250G4 Datasheet HTML 5Page - Texas Instruments ADS7835E250G4 Datasheet HTML 6Page - Texas Instruments ADS7835E250G4 Datasheet HTML 7Page - Texas Instruments ADS7835E250G4 Datasheet HTML 8Page - Texas Instruments ADS7835E250G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
ADS7835
®
ADS7835
DESCRIPTION
The ADS7835 is a 12-bit, sampling analog-to-digi-
tal converter (A/D) complete with sample-and-hold
(S/H), internal 2.5V reference, and synchronous
serial interface. Typical power dissipation is 17.5mW
at a 500kHz throughput rate. The device can be
placed into a power-down mode which reduces dis-
sipation to just 2.5mW. The input range is –VREF to
+VREF, and the internal reference can be overdriven
by an external voltage.
Low power, small size, and high speed make the
ADS7835 ideal for battery-operated systems such
as wireless communication devices, portable multi-
channel data loggers, and spectrum analyzers. The
serial interface also provides low cost isolation for
remote data acquisition. The ADS7835 is avail-
able in an MSOP-8 package and is guaranteed over
the –40
°C to +85°C temperature range.
12-Bit, High-Speed, Low Power Sampling
ANALOG-TO-DIGITAL CONVERTER
®
FEATURES
q 500kHz THROUGHPUT RATE
q 2.5V INTERNAL REFERENCE
q LOW POWER: 17.5mW
q SINGLE SUPPLY +5V OPERATION
q SERIAL INTERFACE
q GUARANTEED NO MISSING CODES
q MSOP-8
q
±V
REF INPUT RANGE
APPLICATIONS
q BATTERY-OPERATED SYSTEMS
q DIGITAL SIGNAL PROCESSING
q HIGH-SPEED DATA ACQUISITION
q WIRELESS COMMUNICATION SYSTEMS
©1998 Burr-Brown Corporation
PDS-1478B
Printed in U.S.A.May, 2000
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
SAR
CLK
Serial
Interface
Comparator
S/H Amp
DATA
±2.5V
Input
CDAC
Internal
+2.5V Ref
Buffer
V
REF
CONV
10k
Ω ±30%
2k
2k
For most current data sheet and other product
information, visit www.burr-brown.com
SBAS102


Similar Part No. - ADS7835E250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7835E250G4 TI1-ADS7835E250G4 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7835E250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com