Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7398BRZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7398BRZ-REEL7
Description  Quad, Serial-Input 12-Bit/10-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7398BRZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD7398BRZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7398/AD7399
Rev. C | Page 3 of 24
SPECIFICATIONS
AD7398 12-BIT VOLTAGE OUTPUT DAC
VDD = 5 V, VSS = 0 V; or VDD = +5 V, VSS = −5 V, VREF = +2.5 V, −40°C < TA < +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Condition
3 V to 5 V ± 10%
±5 V ± 10%
Unit
STATIC PERFORMANCE
Resolution1
N
12
12
Bits
Relative Accuracy2
INL
±1.5
±1.5
LSB max
Differential Nonlinearity2
DNL
Monotonic
±1
±1
LSB max
Zero-Scale Error
VZSE
Data = 000H
7
±2.5
mV max
Full-Scale Voltage Error
VFSE
Data = FFFH
±2.5
±2.5
mV max
Full-Scale Tempco3
TCVFS
1.5
1.5
ppm/°C typ
REFERENCE INPUT
VREFIN Range4
VREF
0/VDD
VSS/VDD
V min/max
Input Resistance5
RREF
Data = 555H, worst case
35
35
kΩ typ6
Input Capacitance3
CREF
5
5
pF typ
ANALOG OUTPUT
Output Voltage Range
VOUT
0 to VREF
0 to VREF
V
Output Current
IOUT
Data = 800H, ΔVOUT = 4 LSBs
±5
±5
mA typ
Capacitive Load3
CL
No oscillation
200
400
pF max
LOGIC INPUTS
Logic Input Low Voltage
VIL
VDD = 3 V
0.5
V max
VDD = 5 V
0.8
0.8
V max
Logic Input High Voltage
VIH
CLK only
80% VDD
4.0
V min
2.1 to 2.4
2.4
V min
Input Leakage Current
IIL
1
1
μA max
Input Capacitance3
CIL
10
10
pF max
INTERFACE TIMING3, 7
Clock Frequency
fCLK
11
16.6
MHz max
Clock Width High
tCH
45
30
ns min
Clock Width Low
tCL
45
30
ns min
CS to Clock Setup
tCSS
10
5
ns min
Clock to CS Hold
tCSH
20
15
ns min
Load DAC Pulse Width
tLDAC
45
30
ns min
Data Setup
tDS
15
10
ns min
Data Hold
tDH
10
5
ns min
Load Setup to CS
tLDS
0
0
ns min
Load Hold to CS
tLDH
20
15
ns min
AC CHARACTERISTICS
Output Slew Rate
SR
Data = 000H to FFFH to 000H
2
2
V/μs typ
Settling Time8
tS
To ±0.1% of full scale
6
6
μs typ
Shutdown Recovery
tSDR
6
6
μs typ
DAC Glitch
Q
Code 7FFH to 800H to 7FFH
150
150
nVs typ
Digital Feedthrough
QDF
15
15
nVs typ
Feedthrough
VOUT/VREF
VREF = 1.5 VDC 1 V p-p, data = 000H,
f = 100 kHz
−63
−63
dB typ


Similar Part No. - AD7398BRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7398BR AD-AD7398BR Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7398BR-REEL7 AD-AD7398BR-REEL7 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7398BRU-REEL7 AD-AD7398BRU-REEL7 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
More results

Similar Description - AD7398BRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399 AD-AD7399_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7398 AD-AD7398 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com