Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65301QPWPRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65301QPWPRQ1
Description  3-MHz Step-Down Regulator and Triple Linear Regulators and Protected Sensor Supply
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65301QPWPRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65301QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS65301QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS65301QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS65301QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS65301QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS65301QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPS65301QPWPRQ1 Datasheet HTML 13Page - Texas Instruments TPS65301QPWPRQ1 Datasheet HTML 14Page - Texas Instruments TPS65301QPWPRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
A004
20
22
24
26
28
30
-40
-10
0
25
50
85
100
Temperature (°C)
G010
125
150
1.196
1.197
1.198
1.199
1.2
1.201
-40
-10
0
25
50
85
100
Temperature (°C)
G011
125
150
1.202
1.203
TPS65301-Q1
www.ti.com
SLVSC10B – OCTOBER 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
1.2-V Linear Regulator Controller (1.2 VO)
OUTPUT BASE DRIVE
1.2VSENSE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 15.
Figure 16.
Figure 17. Load Transient Response, 10 mA to 350 mA
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65301-Q1


Similar Part No. - TPS65301QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65300-Q1 TI1-TPS65300-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz Step-Down Regulator and Triple Linear Regulators
TPS65300QPWPRQ1 TI1-TPS65300QPWPRQ1 Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz Step-Down Regulator and Triple Linear Regulators
TPS65300QRHFRQ1 TI1-TPS65300QRHFRQ1 Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz Step-Down Regulator and Triple Linear Regulators
More results

Similar Description - TPS65301QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65300-Q1 TI1-TPS65300-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz Step-Down Regulator and Triple Linear Regulators
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Texas Instruments
LM3686 TI1-LM3686_14 Datasheet
2Mb / 28P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com