Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7898ARZ-10REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD7898ARZ-10REEL
Description  5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7898ARZ-10REEL Datasheet(HTML) 5 Page - Analog Devices

  AD7898ARZ-10REEL Datasheet HTML 1Page - Analog Devices AD7898ARZ-10REEL Datasheet HTML 2Page - Analog Devices AD7898ARZ-10REEL Datasheet HTML 3Page - Analog Devices AD7898ARZ-10REEL Datasheet HTML 4Page - Analog Devices AD7898ARZ-10REEL Datasheet HTML 5Page - Analog Devices AD7898ARZ-10REEL Datasheet HTML 6Page - Analog Devices AD7898ARZ-10REEL Datasheet HTML 7Page - Analog Devices AD7898ARZ-10REEL Datasheet HTML 8Page - Analog Devices AD7898ARZ-10REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
–5–
REV. A
AD7898
PIN FUNCTION DESCRIPTIONS
Pin
Pin
No.
Mnemonic
Function
1
REF IN
Voltage Reference Input. An external reference source should be connected to this pin to provide the
reference voltage for the AD7898’s conversion process. The REF IN input is buffered on-chip. The
nominal reference voltage for correct operation of the AD7898 is 2.5 V
± 5%. A 0.1 µF capacitor
should be placed on the REF IN pin.
2VIN
Analog Input Channel. The analog input range is
±10 V (AD7898-10) and ±2.5 V (AD7898-3).
3
GND
Analog Ground. Ground reference for track/hold, comparator, digital circuitry, and DAC.
4
SCLK
Serial Clock Input. An external serial clock is applied to this input to obtain serial data from the AD7898.
When in Mode 0 operation, a new serial data bit is clocked out on the falling edge of this serial clock.
In Mode 0, data is guaranteed valid for 20 ns after this falling edge so that data can be accepted on the
falling edge when a fast serial clock is used. The serial clock input should be taken low at the end of
the serial data transmission. When in Mode 1 operation, SCLK also provides the serial clock for
accessing data from the part as in Mode 0, but this clock input is also used as the clock source for the
AD7898’s conversion process when in Mode 1.
5
SDATA
Serial Data Output. Serial data from the AD7898 is provided at this output. The serial data is clocked
out by the falling edge of SCLK, but the data can also be read on the falling edge of SCLK. This is
possible because data bit N is valid for a specified time after the falling edge of SCLK (data hold time).
Sixteen bits of serial data are provided with four leading zeros followed by the 12 bits of conversion data,
which is provided MSB first. On the 16th falling edge of SCLK, the SDATA line is held for the data
hold time and then is disabled (three-stated). Output data coding is two’s complement for the AD7898.
6VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the serial inter-
face of the AD7898 will operate.
7
CS/CONVST
Chip Select/Convert Start. This pin is
CONVST, an edge-triggered logic input when in Mode 0 operation.
On the falling edge of this input, the track/hold goes into its hold mode, and conversion is initiated.
When in Mode 1 operation, this pin is Chip Select, an active low logic input. This input provides the
dual function of initiating conversions on the AD7898 and also frames the serial data transfer.
8VDD
Power Supply Input, 5 V
± 5%.


Similar Part No. - AD7898ARZ-10REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7898ARZ-10REEL AD-AD7898ARZ-10REEL Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
AD7898ARZ-10REEL3 AD-AD7898ARZ-10REEL3 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898ARZ-10REEL7 AD-AD7898ARZ-10REEL7 Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
AD7898ARZ-10REEL73 AD-AD7898ARZ-10REEL73 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
More results

Similar Description - AD7898ARZ-10REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7898AR10 AD-AD7898AR10 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898 AD-AD7898 Datasheet
184Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. 0
AD7898 AD-AD7898_17 Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
AD7898 AD-AD7898_15 Datasheet
220Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com