Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65581PWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65581PWPR
Description  4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65581PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65581PWPR Datasheet HTML 4Page - Texas Instruments TPS65581PWPR Datasheet HTML 5Page - Texas Instruments TPS65581PWPR Datasheet HTML 6Page - Texas Instruments TPS65581PWPR Datasheet HTML 7Page - Texas Instruments TPS65581PWPR Datasheet HTML 8Page - Texas Instruments TPS65581PWPR Datasheet HTML 9Page - Texas Instruments TPS65581PWPR Datasheet HTML 10Page - Texas Instruments TPS65581PWPR Datasheet HTML 11Page - Texas Instruments TPS65581PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
(
)
IN
OUT
OUT
OUT(LL)
SW
IN
V
V
V
1
I
2 L
V
f
-
´
=
´
´ ´
TPS65581
SLVSC38A – OCTOBER 2013 – REVISED NOVEMBER 2013
www.ti.com
OVERVIEW
The TPS65581 is a 1.5A, 2.5A, 1.5A triple synchronous step-down (buck) converter with two integrated N-
channel MOSFETs for each channel. It operates using Advanced D-CAP2™ control mode. The fast transient
response of Advanced D-CAP2™ control reduces the required output capacitance to meet a specific level of
performance. Proprietary internal circuitry allows the use of low ESR output capacitors including ceramic and
special polymer types.
DETAILED DESCRIPTION
PWM Operation
The main control loop of the TPS65581 is a fixed switching frequency pulse width modulation (PWM) controller
that supports a proprietary advanced D-CAP2™ mode control. Advanced D-CAP2™ mode control combines
constant switching frequency with an internal compensation circuit and low external component count
configuration with both low ESR and ceramic output capacitors. It is stable even with virtually no ripple at the
output.
Auto-Skip Eco-mode™ Control
The TPS65581 is designed with Auto-Skip Eco-mode™ to increase light load efficiency. As the output current
decreases from heavy load condition, the inductor current is also reduced and eventually comes to point that its
rippled valley touches zero level, which is the boundary between continuous conduction and discontinuous
conduction modes. The rectifying MOSFET is turned off when its zero inductor current is detected. As the load
current further decreases the converter run into discontinuous conduction mode. The transition point to the light
load operation IOUT(LL) current can be calculated in Equation 1.
(1)
PWM Frequency and Adaptive On-Time Control
TPS65581 uses a advanced D-CAP2 mode control scheme and have a dedicated on board oscillator. The
device runs with fixed frequency of 700 kHz.
Soft Start and Pre-Biased Soft Start
The TPS65581 has an internal, 1.2 ms, soft-start for each channel. When the ENx pin becomes high, an internal
DAC begins ramping up the reference voltage to the PWM comparator. Smooth control of the output voltage is
maintained during start up.
The device contains a unique circuit to prevent current from being pulled from the output during startup if the
output is pre-biased. When the soft-start commands a voltage higher than the pre-bias level (internal soft start
becomes greater than internal feedback voltage VFB), the controller slowly activates synchronous rectification by
starting the first low side FET gate driver pulses with a narrow on-time. It then increments that on-time on a
cycle-by-cycle basis until it coincides with the time dictated by (1-D), where D is the duty cycle of the converter.
This scheme prevents the initial sinking of the pre-biased output, and ensures that the output voltage (VOx)
starts and ramps up smoothly into regulation from pre-biased startup to normal mode operation.
Current Protection
The output overcurrent protection (OCP) is implemented using a cycle-by-cycle valley detect control circuit and
using HICCUP mode overcurrent protection. The switch current is monitored by measuring the low-side FET
switch voltage between the SWx pin and PGNDx. This voltage is proportional to the switch current and the on-
resistance of the FET. To improve accuracy, the voltage sensing is temperature compensated.
During the on time of the high-side FET switch, the switch current increases at a linear rate determined by VIN,
VOUT, the on-time and the output inductor value. During the on time of the low-side FET switch, this current
decreases linearly. The average value of the switch current is the load current IOX. If the sensed voltage on the
low side FET is above the voltage proportional to the current limit, the converter keeps the low-side switch on
until the measured voltage falls below the voltage corresponding to the current limit and a new switching cycle
begins. In subsequent switching cycles, the on-time is set to the value determined for CCM and the current is
monitored in the same manner.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS65581


Similar Part No. - TPS65581PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65580 TI-TPS65580 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS65580EVM-571 TI-TPS65580EVM-571 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS65580PWP TI-TPS65580PWP Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS65580PWPR TI-TPS65580PWPR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65581PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65580PWPR TI-TPS65580PWPR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54627 TI-TPS54627 Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54625 TI1-TPS54625 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54527 TI1-TPS54527 Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54527 TI-TPS54527_15 Datasheet
735Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com