Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9219ABCPZRL7-65 Datasheet(PDF) 53 Page - Analog Devices

Part # AD9219ABCPZRL7-65
Description  Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9219ABCPZRL7-65 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9219ABCPZRL7-65 Datasheet HTML 48Page - Analog Devices AD9219ABCPZRL7-65 Datasheet HTML 49Page - Analog Devices AD9219ABCPZRL7-65 Datasheet HTML 50Page - Analog Devices AD9219ABCPZRL7-65 Datasheet HTML 51Page - Analog Devices AD9219ABCPZRL7-65 Datasheet HTML 52Page - Analog Devices AD9219ABCPZRL7-65 Datasheet HTML 53Page - Analog Devices AD9219ABCPZRL7-65 Datasheet HTML 54Page - Analog Devices AD9219ABCPZRL7-65 Datasheet HTML 55Page - Analog Devices AD9219ABCPZRL7-65 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
Data Sheet
AD9219
Rev. E | Page 53 of 56
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-220-VKKD-2
WITH EXCEPTION TO EXPOSED PAD DIMENSION.
FORPROPERCONNECTIONOF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1
48
12
13
37
36
24
25
*5.55
5.50 SQ
5.45
0.50
0.40
0.30
0.30
0.23
0.18
0.80 MAX
0.65 TYP
5.50 REF
COPLANARITY
0.08
EXPOSED
PAD
(BOTTOM VIEW)
0.20 REF
1.00
0.85
0.80
0.05 MAX
0.02 NOM
SEATING
PLANE
12° MAX
TOP VIEW
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
0.50
REF
PIN 1
INDICATOR
0.22 MIN
7.10
7.00 SQ
6.90
6.85
6.75 SQ
6.65
Figure 82. 48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
7 mm × 7 mm Body, Very Thin Quad
(CP-48-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Notes
Temperature
Range
Package Description
Package
Option
AD9219ABCPZ-40
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-48-8
AD9219ABCPZRL7-40
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP_VQ], 7”Tape and Reel
CP-48-8
AD9219ABCPZ-65
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-48-8
AD9219ABCPZRL7-65
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package [LFCSP_VQ], 7”Tape and Reel
CP-48-8
AD9219-65EBZ
2
Evaluation Board
1 Z = RoHS Compliant Part.
2 Interposer board (HSC-ADC-FIFO5-INTZ) is required to connect to HSC-ADC-EVALCZ data capture board.


Similar Part No. - AD9219ABCPZRL7-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9219ABCPZRL7-65 AD-AD9219ABCPZRL7-65 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
More results

Similar Description - AD9219ABCPZRL7-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9249 AD-AD9249 Datasheet
1Mb / 36P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
REV. 0
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com