Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9629BCPZRL7-80 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9629BCPZRL7-80
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9629BCPZRL7-80 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9629BCPZRL7-80 Datasheet HTML 4Page - Analog Devices AD9629BCPZRL7-80 Datasheet HTML 5Page - Analog Devices AD9629BCPZRL7-80 Datasheet HTML 6Page - Analog Devices AD9629BCPZRL7-80 Datasheet HTML 7Page - Analog Devices AD9629BCPZRL7-80 Datasheet HTML 8Page - Analog Devices AD9629BCPZRL7-80 Datasheet HTML 9Page - Analog Devices AD9629BCPZRL7-80 Datasheet HTML 10Page - Analog Devices AD9629BCPZRL7-80 Datasheet HTML 11Page - Analog Devices AD9629BCPZRL7-80 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9629
Rev. 0 | Page 8 of 32
TIMING SPECIFICATIONS
Table 5.
Parameter
Conditions
Min
Typ
Max
Unit
SPI TIMING REQUIREMENTS
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
SCLK pulse width high
10
ns
tLOW
SCLK pulse width low
10
ns
tEN_SDIO
Time required for the SDIO pin to switch from an input to an
output relative to the SCLK falling edge
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an
input relative to the SCLK rising edge
10
ns


Similar Part No. - AD9629BCPZRL7-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9629BCPZRL7-80 AD-AD9629BCPZRL7-80 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9629BCPZRL7-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com