Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6275 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 6275
Description  8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6275 Datasheet(HTML) 3 Page - Allegro MicroSystems

  6275 Datasheet HTML 1Page - Allegro MicroSystems 6275 Datasheet HTML 2Page - Allegro MicroSystems 6275 Datasheet HTML 3Page - Allegro MicroSystems 6275 Datasheet HTML 4Page - Allegro MicroSystems 6275 Datasheet HTML 5Page - Allegro MicroSystems 6275 Datasheet HTML 6Page - Allegro MicroSystems 6275 Datasheet HTML 7Page - Allegro MicroSystems 6275 Datasheet HTML 8Page - Allegro MicroSystems 6275 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
6275
8-BIT SERIAL-INPUT,
CONSTANT-CURRENT
LATCHED LED DRIVER
www.allegromicro.com
3
CLOCK and SERIAL DATA IN
SERIAL DATA OUT
LATCH ENABLE
OUTPUT ENABLE (active low)
Dwg. EP-010-6
IN
V
DD
Dwg. EP-010-7
IN
V
DD
Dwg. EP-010-5
IN
V
DD
Dwg. EP-063-1
V
DD
OUT
TRUTH TABLE
Serial
Shift Register Contents
Serial
Latch
Latch Contents
Output
Output Contents
Data
Clock
Data
Enable
Enable
Input
Input I1
I2
I3
...
IN-1 IN
Output
Input
I1
I2
I3
...
IN-1 IN
Input
I1 I2 I3 ... IN-1 IN
HH
R1 R2 ...
RN-2 RN-1
RN-1
LL
R1 R2 ...
RN-2 RN-1
RN-1
XR1 R2 R3 ...
RN-1 RN
RN
XXX...
X
X
X
L
R1 R2 R3 ...
RN-1 RN
P1 P2 P3 ...
PN-1 PN
PN
HP1 P2 P3 ...
PN-1 PN
LP1 P2 P3 ... PN-1 PN
XXX...
X
X
H
H
H
H
... H
H
L = Low Logic (Voltage) Level
H = High Logic (Voltage) Level
X = Irrelevant
P = Present State
R = Previous State


Similar Part No. - 6275

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6275 POMONA-6275 Datasheet
147Kb / 2P
   Replaceable Tip Precision Electronic Probe
logo
Tyco Electronics
62751-1 MACOM-62751-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
Schneider Electric
6275AXXSZS-AC90 SCHNEIDER-6275AXXSZS-AC90 Datasheet
192Kb / 3P
   Relay, SE Relays, solid state, SPST NO, 75A, 24??80 VAC, 90...280 VAC Uc, SCR AC zero cross, screw terminal
6275AXXSZS-DC3 SCHNEIDER-6275AXXSZS-DC3 Datasheet
191Kb / 3P
   Relay, SE Relays, solid state, SPST NO, 75A, 24??80 VAC, 3...32 VDC Uc, SCR AC zero cross, screw terminal
More results

Similar Description - 6275

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6277 ALLEGRO-6277 Datasheet
203Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
July 20, 2000
6276 ALLEGRO-6276 Datasheet
190Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
   8-Bit Serial-Input Latched Source Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com