Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92411DDAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92411DDAR
Description  Floating Switch for Offline AC Linear Direct Drive of LEDs with Low Ripple Current
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92411DDAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS92411DDAR Datasheet HTML 7Page - Texas Instruments TPS92411DDAR Datasheet HTML 8Page - Texas Instruments TPS92411DDAR Datasheet HTML 9Page - Texas Instruments TPS92411DDAR Datasheet HTML 10Page - Texas Instruments TPS92411DDAR Datasheet HTML 11Page - Texas Instruments TPS92411DDAR Datasheet HTML 12Page - Texas Instruments TPS92411DDAR Datasheet HTML 13Page - Texas Instruments TPS92411DDAR Datasheet HTML 14Page - Texas Instruments TPS92411DDAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
VIN
RSET
TPS92411
RSNS
DRAIN
VS
33 µF
100 V
VIN
RSET
TPS92411
RSNS
DRAIN
VS
VIN
RSET
TPS92411
RSNS
DRAIN
VS
0.01 µF
RCS
24
Ÿ
±
+
120 VRMS
22
Ÿ
0.22 µF
250 V
442
Ÿ
0.1 µF
250 V
1.82
0Ÿ
1.65
0Ÿ
1.43
0Ÿ
1
0Ÿ
1
0Ÿ
1
0Ÿ
200 V
200 V
68 µF
50 V
200 V
120 µF
25 V
Q1
600 V
2 A
1
NŸ
12 V
499
NŸ
90.9
NŸ
5
NŸ
Q2
200 mW
200
NŸ
91 V
0.22 µF
2
0Ÿ
44.2
NŸ
0.1 µF
732
NŸ
´
=
RMS
RMS
CS
IN
230 V
2.44V
R
P
TPS92411, TPS92411P
www.ti.com
SLUSBQ6 – OCTOBER 2013
The linear regulator in Figure 11 generates a current sense RMS voltage of 2.44 V. The linear regulator RMS
current is equal to the input current drawn from the AC line. For example, for a 16-W input power system the
input current should be approximately 0.07 A and a 34.8-
Ω resistor should be chosen for RCS. Other input power
levels (PIN) can be calculated using Equation 4.
(4)
TYPICAL APPLICATIONS CIRCUITS
Figure 10. 120-VAC, Phase Dimmable 11.5-W Input with Discrete Linear Regulator
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS92411 TPS92411P


Similar Part No. - TPS92411DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92411EVM-001 TI-TPS92411EVM-001 Datasheet
808Kb / 16P
[Old version datasheet]   Switch Controlled Direct Drive Switch for Offline LED Drivers
TPS92411EVM-002 TI-TPS92411EVM-002 Datasheet
1Mb / 21P
[Old version datasheet]   TPS92411EVM-002 Offline LED Driver Evaluation Module
More results

Similar Description - TPS92411DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92410 TI1-TPS92410 Datasheet
949Kb / 25P
[Old version datasheet]   Switch-Controlled, Direct Drive, Linear Controller for Offline LED Drivers
TPS92411EVM-001 TI-TPS92411EVM-001 Datasheet
808Kb / 16P
[Old version datasheet]   Switch Controlled Direct Drive Switch for Offline LED Drivers
logo
Pulse A Technitrol Comp...
P0584NL PULSE-P0584NL Datasheet
88Kb / 1P
   OFFLINE GATE DRIVE OFFLINE GATE DRIVE
logo
Illinois Capacitor, Inc...
MPW ILLINOISCAPACITOR-MPW Datasheet
190Kb / 2P
   Low ESR - High AC/Ripple Current - Stable with frequency and
logo
Pulse A Technitrol Comp...
PH0256NL PULSE-PH0256NL Datasheet
621Kb / 4P
   Switch Mode Transformer for AC/DC offline Applications
logo
ON Semiconductor
NCL30170 ONSEMI-NCL30170 Datasheet
280Kb / 12P
   Direct AC Drive LED Driver
April, 2018 ??Rev. P0
logo
Rohm
BA6868FM ROHM-BA6868FM Datasheet
179Kb / 6P
   Direct PWM pseudo-linear drive system
logo
Cynergy3 Co
FSP10 CYNERGY3-FSP10 Datasheet
334Kb / 2P
   Flow switch for direct switching of pump
logo
List of Unclassifed Man...
SG1629 ETC1-SG1629 Datasheet
254Kb / 4P
   HIGH CURRENT FLOATING SWITCH DRIVER
logo
Exar Corporation
XR46010 EXAR-XR46010 Datasheet
146Kb / 2P
   Active Load Current Regulator for Phase-Cut Dimmable AC Direct Drive LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com