Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V718 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # V718
Description  One-Piece Surface Steel Raceway
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V718 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  V718 Datasheet HTML 1Page - List of Unclassifed Manufacturers V718 Datasheet HTML 2Page - List of Unclassifed Manufacturers V718 Datasheet HTML 3Page - List of Unclassifed Manufacturers V718 Datasheet HTML 4Page - List of Unclassifed Manufacturers V718 Datasheet HTML 5Page - List of Unclassifed Manufacturers V718 Datasheet HTML 6Page - List of Unclassifed Manufacturers V718 Datasheet HTML 7Page - List of Unclassifed Manufacturers V718 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Catalog No./Item
Description/Specifications
V5748 m
Device Box – For deep
5748 WH m
switches, receptacles and
communication devices.
Base has two 1/2"
trade size KOs.
V5748S m
Shallow Switch and
5748 SWH m
Receptacle Box – For
duplex receptacles (shallow
type). Base has 1/2"
trade size KOs.
V5751
Flush-Type Extension
5751 WH
Adapter – For extensions
from existing flush wall
boxes. Larger gangs
available, consult factory.
V5751A
Deep Flush-Type
5751AWH
Extension Adapter –
For deep extensions from
existing flush wall boxes.
Catalog No./Item
Description/Specifications
V5744 m
Extra Deep Device Box –
5744WH m
Designed for deep devices –
momentary contact, and
remote control switches,
hospital signaling system
devices, and deep
communication devices.
Base has 1/2" trade size KOs.
V5744S m
Deep Switch and
5744 SWH m
Receptacle Box – For
installing signal system
alarm wiring and
communication devices.
Base has 1/2" trade size
and rectangular
single-gang KOs.
V5745 m†Combination Device Box –
5745 WH m
For connecting surface
runs of 1/2" [12.7mm]
conduit, etc. Cover has two
raceway twistouts on one
end and three on opposite
end; also two 1/2" trade size
KOs and a raceway twistout on
each side. Base has two
1/2" trade size KOs.
V5747m
Shallow Device Box –
5747 WH m
For standard shallow
switches, receptacles,
communication devices,
and single-gang
combination devices.
Base has two 1/2"
trade size KOs.
V500, V700, & 700WH Device Boxes (continued)
CAT NO.
L
W
GANG #
V5744, WH m
4 5/8" [118mm] 2 7/8" [73mm]
1
V5744-2, WHm 4 3/4" [121mm] 4 3/4" [121mm]
2*
V5744-3 m
4 5/8" [118mm] 6 1/2" [165mm]
3
L
W
2 1/4"
[57mm]
L
W
2 3/4"
[70mm]
NOTES: Covers on this page have double twistouts. Break out lower twistout for use with V500, and both twistouts for use with V700.
* V5744-2 and V5744S-2 Base and V5747-2 and V5748-2 Base have 1/2" and 1" concentric trade size KOs and a 1 13/16" x 2
7/8" [47mm x 73mm] rectangular KO to permit mounting on a one-gang in-wall outlet box.
m Replace V with VC or WH with WHC to denote Canadian version — Agency approved for sale in Canada.c
Larger gangs available, consult factory.
L
W
1 3/4"
[44mm]
2 7/8"
[73mm]
4 5/8"
[118mm]
L
1 3/4"
[44mm]
1 3/8"
[35mm]
W
ORT
P&S
OPEN
ORT
P&S
OPEN
ORT
P&S
OPEN
ORT
P&S
OPEN
ORT
P&S
OPEN
4 5/8"
[118mm]
2 7/8"
[73mm]
15/16"
[23.8mm]
15/16"
[23.8mm]
L
W
1 3/4"
[44mm]
4 5/8"
[118mm]
2 7/8"
[73mm]
ORT
P&S
OPEN
ORT
P&S
OPEN
ORT
P&S
OPEN
CAT NO.
L
W
GANG #
V5744, WH m
4 5/8" [118mm] 2 7/8" [73mm]
1
V5744-2, WHm
4 3/4" [121mm] 4 3/4" [121mm]
2*
V5744-3 m
4 5/8" [118mm] 6 1/2" [165mm]
3
CAT NO.
L
W
GANG #
V5747, WH m
4 5/8" [118mm] 2 7/8" [73mm]
1
V5747-2, WHm 4 3/4" [121mm] 4 3/4" [121mm]
2*
V5747-3 m
4 5/8" [118mm] 6 1/2" [165mm]
3
CAT NO.
LW
GANG#
V5748, WH m
4 5/8" [118mm] 2 7/8" [73mm]
1
V5748-2, WHm 4 3/4" [121mm] 4 3/4" [121mm]
2*
V5748-3 m
4 5/8" [118mm] 6 1/2" [165mm]
3
V5748-4m
4 5/8" [118mm] 8 11/32" [212mm]
1
V5748-5m
4 3/4" [121mm] 10 5/32" [212mm]
2*
V5748-6m
4 5/8" [118mm] 11 31/32" [165mm]
3
CAT NO.
L
W
GANG #
V5751, WH
4 5/8" [118mm] 2 7/8" [73mm]
1
V5751-2, WH
4 3/4" [121mm] 4 3/4" [121mm]
2*
V5751-3
4 5/8" [118mm] 6 1/2" [165mm]
3


Similar Part No. - V718

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V712 ETC2-V712 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V712 ETC2-V712 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
logo
Littelfuse
V715ZA05 LITTELFUSE-V715ZA05 Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
More results

Similar Description - V718

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
   One-Piece Steel Surface Raceway
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
logo
PANDUIT CORP.
LDW10-V PANDUIT-LDW10-V Datasheet
107Kb / 1P
   PAN-WAY PLASTIC SURFACE RACEWAY
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
logo
Lumins Inc.
SL112 LUMINIS-SL112 Datasheet
210Kb / 2P
   One piece cast aluminum cage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com