Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V717 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # V717
Description  One-Piece Surface Steel Raceway
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V717 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  V717 Datasheet HTML 1Page - List of Unclassifed Manufacturers V717 Datasheet HTML 2Page - List of Unclassifed Manufacturers V717 Datasheet HTML 3Page - List of Unclassifed Manufacturers V717 Datasheet HTML 4Page - List of Unclassifed Manufacturers V717 Datasheet HTML 5Page - List of Unclassifed Manufacturers V717 Datasheet HTML 6Page - List of Unclassifed Manufacturers V717 Datasheet HTML 7Page - List of Unclassifed Manufacturers V717 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Catalog No./Item
Description/Specifications
V5738*m
Fixture Box/Solid Base – For
V57378A*m
hanging fixtures. Cover takes
V5739*m
devices with mounting screw
5738 WH*m
centers of 2 3/4", 3 1/2", or 4 1/16"
5738 AWH*m
[70mm, 89mm, or 104mm]. Base
has four holes for fixture studs;
five 1/2" trade size KOs and raised
section for no-bolt fixture-stud. Use
as a junction or pull box with V5736.
Catalog No./Item
Description/Specifications
V5738 AF
Fan Box/Solid Base – UL approved
5738 AFWHm
fixture box for ceiling fans. Cover
accepts fan brackets with 3.2"
[82mm] mounting centers.
Supports up to 50 lbs. Base has
six mounting holes and four 1/2"
trade size KOs. #10 mounting
screws provided.
A
1"
[25mm]
1"
[25mm]
5 1/2"
[140mm]
NOTE: Covers have double twistouts; Lower twistout for V500, and both twistouts for V700.
m Replace V with VC or WH with WHC to denote Canadian version — Agency approved for sale in Canada. c
* These boxes are not designed to support ceiling fans. For fan applications, use V5738AF.
V500 & V700 Series Wire Fill Capacity Charts
* 20% cable fill is calculated to approximate reduction in cable capacity due to connectors mounted within raceway
and fittings that may restrict cross sectional area.
** 40% cable fill is the maximum designed cable fill based on a proposed revision to TIA/EIA 569-A.
O.D.
V500 SERIES
V700 SERIES
CABLE/WIRE SIZE
inches
[mm]
20% FILL*
40% FILL**
20% FILL*
40% FILL**
UNSHIELDED
4-pair, 24 AWG, Cat 3
0.190
[4.8]
1
2
1
3
TWISTED PAIR
4-pair, 24 AWG, Cat 5e
0.210
[5.3]
1
2
1
3
4-pair, 24 AWG, Cat 6
0.250
[6.3]
0
1
1
2
TELEPHONE
2-pair, 24 AWG
0.140
[3.6]
2
4
3
6
3-pair, 24 AWG
0.150
[3.8]
2
4
2
5
4-pair, 24 AWG
0.190
[4.8]
1
2
1
3
25-pair, 24 AWG
0.410
[10.4]
0
0
0
0
COAXIAL
RG58/U
0.195
[5.0]
1
2
1
3
RG59/U
0.242
[6.1]
0
1
1
2
RG62/U
0.242
[6.1]
0
1
1
2
RG6/U
0.270
[6.9]
0
1
0
1
TWINAXIAL
100 Ohm
0.330
[8.4]
0
0
0
1
SHIELDED
TYPE 1
0.390
[9.9]
0
0
0
0
TWISTED PAIR
TYPE 2
0.465
[11.8]
0
0
0
0
TYPE 3
0.245
[6.2]
0
1
0
1
FIBER
Mini ZipCord
0.079 x 0.157
[2 x 4]
3
6
4
8
ZipCord
0.118 x 0.236
[3 x 6]
1
2
1
3
Round 4 Strand Fiber
0.187
[4.8]
1
2
1
3
Round 6 Strand Fiber
0.256
[6.5]
0
1
1
2
WIRE SIZE
O.D.
NUMBER OF CONDUCTORS 40% FILL
THHN/THWN
inches
[mm]
V500 SERIES
V700 SERIES
14 AWG
0.111
[2.8]
7
10
12 AWG
0.130
[3.3]
5
7
10 AWG
0.164
[4.2]
3
4
V500/ V700 Series Raceway Wire Fill Capacities for Power
V500/ V700 Series Raceway Wire Fill Capacities for Communications
V500, V700, & 700WH Round Fixture Boxes (continued)
CAT. NO.
DIA. A.
V5738, WH
4 3/4" [121mm]
V5738A, WH 5 1/2" [140mm]
V5739
6 3/8" [162mm]
Catalog No./Item
Description/Specifications
605K
Replacement blade for 605 and
607K
607 cutters – Replacement case-hardened
steel blades cut clean and square.
Catalog No./Item
Description/Specifications
605
V500 Raceway Cutter
607
700 Series Raceway Cutter –
Single action portable cutter.
One-Piece Raceway Tools


Similar Part No. - V717

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V717 ETC2-V717 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V717 ETC2-V717 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
More results

Similar Description - V717

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
   One-Piece Steel Surface Raceway
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
logo
PANDUIT CORP.
LDW10-V PANDUIT-LDW10-V Datasheet
107Kb / 1P
   PAN-WAY PLASTIC SURFACE RACEWAY
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
logo
Lumins Inc.
SL112 LUMINIS-SL112 Datasheet
210Kb / 2P
   One piece cast aluminum cage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com