Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM697AQ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM697AQ
Description  Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM697AQ Datasheet(HTML) 1 Page - Analog Devices

  ADM697AQ Datasheet HTML 1Page - Analog Devices ADM697AQ Datasheet HTML 2Page - Analog Devices ADM697AQ Datasheet HTML 3Page - Analog Devices ADM697AQ Datasheet HTML 4Page - Analog Devices ADM697AQ Datasheet HTML 5Page - Analog Devices ADM697AQ Datasheet HTML 6Page - Analog Devices ADM697AQ Datasheet HTML 7Page - Analog Devices ADM697AQ Datasheet HTML 8Page - Analog Devices ADM697AQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAMS
1.3V
VOUT
VBATT
VCC
WATCHDOG
INPUT (WDI)
POWER FAIL
INPUT (PFI)
POWER FAIL
OUTPUT (PFO)
RESET
WATCHDOG
TIMER
BATT ON
OSC IN
OSC SEL
WATCHDOG
OUTPUT (WDO)
RESET
LOW LINE
LLIN
RESET GENERATOR
TIMEBASE FOR RESET
AND WATCHDOG
WATCHDOG
TRANSITION DETECTOR
ADM696
1.3V
CEOUT
WATCHDOG
INPUT (WDI)
POWER FAIL
INPUT (PFI)
POWER FAIL
OUTPUT (PFO)
RESET
WATCHDOG
TIMER
OSC IN
OSC SEL
WATCHDOG
OUTPUT (WDO)
RESET
LOW LINE
LLIN
RESET GENERATOR
TIMEBASE FOR RESET
AND WATCHDOG
WATCHDOG
TRANSITION DETECTOR
ADM697
CEIN
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Microprocessor
Supervisory Circuits
ADM696/ADM697
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Superior Upgrade for MAX696/MAX697
Specified Over Temperature
Adjustable Low Line Voltage Monitor
Power OK/Reset Time Delay
Reset Assertion Down to 1 V VCC
Watchdog Timer—100 ms, 1.6 s, or Adjustable
Low Switch On Resistance
1.5
Normal, 20
in Backup
600 nA Standby Current
Automatic Battery Backup Switching (ADM696)
Fast On-Board Gating of Chip Enable Signals (ADM697)
Voltage Monitor for Power Fail or Low Battery Warning
APPLICATIONS
Microprocessor Systems
Computers
Controllers
Intelligent Instruments
Automotive Systems
Critical
P Power Monitoring
GENERAL DESCRIPTION
The ADM696/ADM697 supervisory circuits offer complete
single chip solutions for power supply monitoring and battery
control functions in microprocessor systems. These functions
include
µP reset, backup-battery switchover, watchdog timer,
CMOS RAM write protection, and power failure warning.
The ADM696/ADM697 are available in 16-pin DIP and small
outline packages and provide the following functions:
1. Power-On Reset output during power-up, power-down and
brownout conditions. The RESET voltage threshold is
adjustable using an external voltage divider. The RESET
output remains operational with VCC as low as 1 V.
2. A Reset pulse if the optional watchdog timer has not been
toggled within specified time.
3. Separate watchdog time-out and low line status outputs.
4. Adjustable reset and watchdog timeout periods.
5. A 1.3 V threshold detector for power fail warning, low bat-
tery detection, or to monitor a power supply other than VCC.
6. Battery backup switching for CMOS RAM, CMOS micro-
processor or other low power logic (ADM696).
7. Write protection of CMOS RAM or EEPROM (ADM697).
The ADM696/ADM697 is fabricated using an advanced epitaxial
CMOS process combining low power consumption (5 mW),
extremely fast Chip Enable gating (5 ns) and high reliability.
RESET
assertion is guaranteed with VCC as low as 1 V. In
addition, the power switching circuitry is designed for minimal
voltage drop thereby permitting increased output current drive
of up to 100 mA without the need for an external pass transistor.


Similar Part No. - ADM697AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM697AQ AD-ADM697AQ Datasheet
407Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
More results

Similar Description - ADM697AQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com