Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN8831ACP Datasheet(PDF) 4 Page - Analog Devices

Part # ADN8831ACP
Description  Thermoelectric Cooler (TEC) Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8831ACP Datasheet(HTML) 4 Page - Analog Devices

  ADN8831ACP Datasheet HTML 1Page - Analog Devices ADN8831ACP Datasheet HTML 2Page - Analog Devices ADN8831ACP Datasheet HTML 3Page - Analog Devices ADN8831ACP Datasheet HTML 4Page - Analog Devices ADN8831ACP Datasheet HTML 5Page - Analog Devices ADN8831ACP Datasheet HTML 6Page - Analog Devices ADN8831ACP Datasheet HTML 7Page - Analog Devices ADN8831ACP Datasheet HTML 8Page - Analog Devices ADN8831ACP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADN8831
Data Sheet
Rev. A | Page 4 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD = 3.0 V to 5.0 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter1
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PWM OUTPUT DRIVER
Output Transition Time
t
R, tF
C
L = 3300 pF
20
ns
Nonoverlapping Clock Delay
40
80
ns
Output Resistance
R
O (SNGATE, SPGATE)
I
L = 10 mA, VDD = 3.0 V
6
Ω
Output Voltage Swing2
SFB
V
LIM = VREF
0
V
DD
V
LINEAR OUTPUT AMPLIFIER
Output Resistance
R
O, LNGATE
I
OUT = 2 mA, VDD = 3.0 V
200
Ω
R
O, LPGATE
I
OUT = 2 mA, VDD = 3.0 V
100
Ω
Output Voltage Swing2
LFB
0
V
DD
V
POWER SUPPLY
Power Supply Voltage
V
DD
3.0
5.5
V
Supply Current
I
SY
PWM not switching
8
12
mA
−40°C ≤ T
A ≤ +85°C
15
mA
Shutdown Current
I
SD
SYNCI/SD = 0 V
8
µA
Soft Start Charging Current
I
SS
V
SS = 0 V
8
µA
Undervoltage Lockout3
UVLO
Low to high threshold
2.2
2.6
V
Standby Current
I
SB
SYNCI/SD = VDD, SS/SB = 0 V
2
mA
Standby Threshold
V
SB
SYNCI/SD = VDD
150
200
mV
ERROR/COMPENSATION AMPLIFIERS
Input Offset Voltage
V
OS1
V
CM1 = 1.5 V, VIN1P − VIN1M
10
100
μV
V
OS2
V
CM2 = 1.5 V, VIN2P − VIN2M
10
100
μV
Input Voltage Range
V
CM1, VCM2
0
V
DD
V
Common-Mode Rejection Ratio
CMRR
1, CMRR2
V
CM1, VCM2 = 0.2 V to VDD − 0.2 V
120
dB
Output Voltage High
V
OH1, VOH2
V
DD − 0.03
V
Output Voltage Low
V
OL1, VOL2
25
mV
Power Supply Rejection Ratio
PSRR
1, PSRR2
3.0 V ≤ V
DD ≤ 5.0 V
110
dB
Output Current
I
OUT1, IOUT2
Sourcing and sinking
5
mA
Gain Bandwidth Product
GBW
1, GBW2
V
OUT = 0.5 V to (VDD − 1 V)
2
MHz
OSCILLATOR
Sync Range
f
CLK
SYNCI/SD connected to external
clock
300
1000
kHz
Oscillator Frequency
f
CLK
COMPOSC = V
DD, RFREQ = 118 kΩ,
SYNCI/SD = VDD, VDD = 5.0V
800
1000
1250
kHz
Nominal Free-Run Oscillation
Frequency
f
CLK-NOMINAL
COMPOSC = V
DD, SYNCI/SD = VDD
200
1000
kHz
Phase Adjustment Range2
Φ
CLK
V
PHASE = 0.13 V, fSYNCI/SD = 1 MHz
50
Degrees
V
PHASE = 2.3 V, fSYNCI/SD = 1 MHz
330
Degrees
Phase Adjustment Default
Φ
CLK
PHASE = open
180
Degrees
REFERENCE VOLTAGE
Reference Voltage
V
REF
I
REF = 2 mA
2.35
V
I
REF = 0 mA
2.37
2.47
2.57
V


Similar Part No. - ADN8831ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831ACPZ-REEL7 AD-ADN8831ACPZ-REEL7 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
More results

Similar Description - ADN8831ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
   Thermoelectric Cooler (TEC) Controller
Rev. PrC
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8834 AD-ADN8834 Datasheet
1Mb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
ADN8835 AD-ADN8835 Datasheet
647Kb / 27P
   Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
ADN8834 AD-ADN8834_V01 Datasheet
899Kb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
ADN8830 AD-ADN8830 Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
LTM4663 AD-LTM4663 Datasheet
2Mb / 24P
   Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com