Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM77CIM-3 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM77CIM-3
Description  LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM77CIM-3 Datasheet(HTML) 2 Page - Texas Instruments

  LM77CIM-3 Datasheet HTML 1Page - Texas Instruments LM77CIM-3 Datasheet HTML 2Page - Texas Instruments LM77CIM-3 Datasheet HTML 3Page - Texas Instruments LM77CIM-3 Datasheet HTML 4Page - Texas Instruments LM77CIM-3 Datasheet HTML 5Page - Texas Instruments LM77CIM-3 Datasheet HTML 6Page - Texas Instruments LM77CIM-3 Datasheet HTML 7Page - Texas Instruments LM77CIM-3 Datasheet HTML 8Page - Texas Instruments LM77CIM-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LM77
SNIS103F – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Simplified Block Diagram
Figure 1.
Connection Diagram
Figure 2. SOIC-8 or VSSOP Package
See Package Number D0008A or DGK0008A
PIN DESCRIPTIONS
Pin Name
Pin No.
Description
Typical Connection
SDA
1
Serial Bi-Directional Data Line. Open Drain Output
From Controller
SCL
2
Serial Bus Clock Input
From Controller
T_CRIT_A
3
Critical Temperature Alarm Open Drain Output
Pull Up Resistor, Controller Interrupt Line or
System Hardware Shutdown
GND
4
Power Supply Ground
Ground
INT
5
Interrupt Open Drain Output
Pull Up Resistor, Controller Interrupt Line
+VS
8
Positive Supply Voltage Input
DC Voltage from 3V to 5.5V
A0–A1
7,6
User-Set Address Inputs
Ground (Low, “0”) or +VS (High, “1”)
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM77


Similar Part No. - LM77CIM-3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM77CIM-3 NSC-LM77CIM-3 Datasheet
373Kb / 17P
   9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM77CIM-3 TI1-LM77CIM-3 Datasheet
1Mb / 24P
[Old version datasheet]   9-Bit Sign Digital Temperature Sensor
LM77CIM-3/NOPB TI1-LM77CIM-3/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   9-Bit Sign Digital Temperature Sensor
More results

Similar Description - LM77CIM-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM77 TI-LM77_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
National Semiconductor ...
LM77 NSC-LM77 Datasheet
373Kb / 17P
   9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76 TI-LM76_15 Datasheet
1Mb / 22P
[Old version datasheet]   Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 TI-LM92_15 Datasheet
1Mb / 25P
[Old version datasheet]   Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
   짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM92CIMX TI-LM92CIMX Datasheet
1Mb / 25P
[Old version datasheet]   0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
logo
National Semiconductor ...
LM92 NSC-LM92_05 Datasheet
808Kb / 17P
   짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92 Datasheet
396Kb / 18P
   짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76CHM-5 TI1-LM76CHM-5 Datasheet
1Mb / 22P
[Old version datasheet]   LM76 짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com