Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2512ASNX Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2512ASNX
Description  LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2512ASNX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2512ASNX Datasheet HTML 5Page - Texas Instruments LM2512ASNX Datasheet HTML 6Page - Texas Instruments LM2512ASNX Datasheet HTML 7Page - Texas Instruments LM2512ASNX Datasheet HTML 8Page - Texas Instruments LM2512ASNX Datasheet HTML 9Page - Texas Instruments LM2512ASNX Datasheet HTML 10Page - Texas Instruments LM2512ASNX Datasheet HTML 11Page - Texas Instruments LM2512ASNX Datasheet HTML 12Page - Texas Instruments LM2512ASNX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
MC
MD0
MDn
LM2512A
www.ti.com
SNLS269B – AUGUST 2007 – REVISED MAY 2013
SERIAL BUS TIMING
Data valid is relative to both edges of a RGB transaction as shown in Figure 8. Data valid is specified as: Data
Valid before Clock, Data Valid after Clock, and Skew between data lines should be less than 500ps.
Figure 8. Dual Link Timing
SERIAL BUS PHASES
There are three bus phases on the MPL serial bus. These are determined by the state of the MC and MD lines.
The MPL bus phases are shown in Table 1.
The LM2512A supports MPL Level 0 Enhanced Protocol with a Class 0 PHY.
Table 1. Link Phases(1)
Name
MC State
MDn State
Phase Description
Pre-Phase
Post-Phase
OFF (O)
0
0
Link is Off
A, or LU
LU
LINK-UP (LU)
0LHL
000L
Start Up Pulse
O
A or O
Active (A)
A
X
Streaming Data
LU
O
(1)
Notes on MC/MD Line State:
0 = no current (off)
L = Logic Low—The higher level of current on the MC and MD lines
H = Logic High—The lower level of current on the MC and MD lines
X = Low or High
A = Active Clock
SERIAL BUS START UP TIMING
In the Serial Bus OFF phase, SER line drivers for MDs and MC are turned off such that zero current flows over
the MPL lines. On the SER side, when the PD* input pin is de-asserted (driven High), or with PD* = High and the
PCLK is turned on, the SER will power up its bias block during t0.
The SER will next drive the MC line to the logic Low (5I current) state for 200 PCLK cycles (t1). The DES devices
detects the current flowing in the MC line, and powers up its analog circuit blocks (or alternately is controlled by
its PD* input pin - device specific).
The SER then drives the MC line to a logic High (1I current) for 20 PCLK cycles (t2). On the MC low-to-high
transition, the DES samples the current and optimizes it current sources to match that of the drivers.
The MC is now driven to a logic Low (5I current) for 8 PCLK cycles (t3).
Next the SER PLL is locked to the PCLK. A hold off counter of 600 PCLK cycles is used to hold off until the PLL
has locked and is stable (t4). At this point, streaming RGB information is now sent across the MPL link.
Link-Up is shown in Figure 9. The MC and MDn signals are current waveforms. Data at the DES output will
appear a latency delay later.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2512A


Similar Part No. - LM2512ASNX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2512ASNX NSC-LM2512ASNX Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results

Similar Description - LM2512ASNX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
[Old version datasheet]   LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
logo
Texas Instruments
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
   Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
   Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
logo
Texas Instruments
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com