Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G58DSF2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G58DSF2
Description  Configurable Multiple-Function Gate
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G58DSF2 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G58DSF2 Datasheet HTML 1Page - Texas Instruments SN74LVC1G58DSF2 Datasheet HTML 2Page - Texas Instruments SN74LVC1G58DSF2 Datasheet HTML 3Page - Texas Instruments SN74LVC1G58DSF2 Datasheet HTML 4Page - Texas Instruments SN74LVC1G58DSF2 Datasheet HTML 5Page - Texas Instruments SN74LVC1G58DSF2 Datasheet HTML 6Page - Texas Instruments SN74LVC1G58DSF2 Datasheet HTML 7Page - Texas Instruments SN74LVC1G58DSF2 Datasheet HTML 8Page - Texas Instruments SN74LVC1G58DSF2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN74LVC1G58
www.ti.com
SCES415N – NOVEMBER 2002 – REVISED DECEMBER 2013
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
1.65 V
0.79
1.16
0.79
1.16
2.3 V
1.11
1.56
1.11
1.56
VT+
Positive-going input
3 V
1.5
1.87
1.5
1.87
V
threshold voltage
4.5 V
2.16
2.74
2.16
2.74
5.5 V
2.61
3.33
2.61
3.33
1.65 V
0.35
0.62
0.35
0.62
2.3 V
0.58
0.87
0.58
0.87
VT–
Negative-going input
3 V
0.84
1.19
0.84
1.19
V
threshold voltage
4.5 V
1.41
1.9
1.41
1.9
5.5 V
1.87
2.29
1.87
2.29
1.65 V
0.3
0.62
0.3
0.62
2.3 V
0.4
0.8
0.4
0.8
ΔVT
3 V
0.53
0.87
0.53
0.87
V
Hysteresis (VT+ – VT–)
4.5 V
0.71
1.04
0.71
1.04
5.5 V
0.71
1.11
0.71
1.11
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
1.2
IOH = –8 mA
2.3 V
1.9
1.9
VOH
V
IOH = –16 mA
2.4
2.4
3 V
IOH = –24 mA
2.3
2.3
IOH = –32 mA
4.5 V
3.8
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
0.1
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.3
0.3
VOL
V
IOL = 16 mA
0.4
0.45
3 V
IOL = 24 mA
0.55
0.55
IOL = 32 mA
4.5 V
0.55
0.58
II
VI = 5.5 V or GND
0 to 5.5 V
±1
±1
µA
Ioff
VI or VO = 5.5 V
0
±10
±10
µA
ICC
VI = 5.5 V or GND, IO = 0
1.65 V to 5.5 V
10
10
µA
One input at VCC – 0.6 V,
ΔICC
3 V to 5.5 V
500
500
µA
Other inputs at VCC or GND
Ci
VI = VCC or GND
3.3 V
3.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC1G58


Similar Part No. - SN74LVC1G58DSF2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G58DBVR TI-SN74LVC1G58DBVR Datasheet
117Kb / 16P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G58DBVRG4 TI-SN74LVC1G58DBVRG4 Datasheet
117Kb / 16P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G58DCKR TI-SN74LVC1G58DCKR Datasheet
117Kb / 16P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G58DCKRG4 TI-SN74LVC1G58DCKRG4 Datasheet
117Kb / 16P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G58DRLR TI-SN74LVC1G58DRLR Datasheet
117Kb / 16P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - SN74LVC1G58DSF2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com