Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2736XMK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2736XMK
Description  LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2736XMK Datasheet(HTML) 3 Page - Texas Instruments

  LM2736XMK Datasheet HTML 1Page - Texas Instruments LM2736XMK Datasheet HTML 2Page - Texas Instruments LM2736XMK Datasheet HTML 3Page - Texas Instruments LM2736XMK Datasheet HTML 4Page - Texas Instruments LM2736XMK Datasheet HTML 5Page - Texas Instruments LM2736XMK Datasheet HTML 6Page - Texas Instruments LM2736XMK Datasheet HTML 7Page - Texas Instruments LM2736XMK Datasheet HTML 8Page - Texas Instruments LM2736XMK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LM2736
www.ti.com
SNVS316F – SEPTEMBER 2004 – REVISED APRIL 2013
Operating Ratings
(1)
VIN
3V to 18V
SW Voltage
-0.5V to 18V
Boost Voltage
-0.5V to 23V
Boost to SW Voltage
1.6V to 5.5V
Junction Temperature Range
−40°C to +125°C
Thermal Resistance
θJA
(2)
118°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specific specifications and the test conditions,
see Electrical Characteristics.
(2)
Thermal shutdown will occur if the junction temperature exceeds 165°C. The maximum power dissipation is a function of TJ(MAX) , θJA
and TA . The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) – TA)/θJA . All numbers apply for
packages soldered directly onto a 3” x 3” PC board with 2oz. copper on 4 layers in still air. For a 2 layer board using 1 oz. copper in still
air,
θJA = 204°C/W.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those in boldface type apply over the full Operating
Temperature Range (TJ = -40°C to 125°C). VIN = 5V, VBOOST - VSW = 5V unless otherwise specified. Datasheet min/max
specification limits are ensured by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VFB
Feedback Voltage
1.225
1.250
1.275
V
ΔVFB/ΔVIN
Feedback Voltage Line Regulation
VIN = 3V to 18V
0.01
% / V
IFB
Feedback Input Bias Current
Sink/Source
10
250
nA
Undervoltage Lockout
VIN Rising
2.74
2.90
UVLO
Undervoltage Lockout
VIN Falling
2.0
2.3
V
UVLO Hysteresis
0.30
0.44
0.62
LM2736X
1.2
1.6
1.9
FSW
Switching Frequency
MHz
LM2736Y
0.40
0.55
0.66
LM2736X
85
92
DMAX
Maximum Duty Cycle
%
LM2736Y
90
96
LM2736X
2
DMIN
Minimum Duty Cycle
%
LM2736Y
1
RDS(ON)
Switch ON Resistance
VBOOST - VSW = 3V
350
650
m
ICL
Switch Current Limit
VBOOST - VSW = 3V
1.0
1.5
2.3
A
IQ
Quiescent Current
Switching
1.5
2.5
mA
Quiescent Current (shutdown)
VEN = 0V
30
nA
LM2736X (50% Duty Cycle)
2.2
3.3
IBOOST
Boost Pin Current
mA
LM2736Y (50% Duty Cycle)
0.9
1.6
Shutdown Threshold Voltage
VEN Falling
0.4
VEN_TH
V
Enable Threshold Voltage
VEN Rising
1.8
IEN
Enable Pin Current
Sink/Source
10
nA
ISW
Switch Leakage
40
nA
(1)
Specified to Texas Instruments' Average Outgoing Quality Level (AOQL).
(2)
Typicals represent the most likely parametric norm.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2736


Similar Part No. - LM2736XMK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2736XMK NSC-LM2736XMK Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK/NOPB TI1-LM2736XMK/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736XMKX NSC-LM2736XMKX Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results

Similar Description - LM2736XMK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736 TI1-LM2736_14 Datasheet
1Mb / 27P
[Old version datasheet]   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com