Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2825 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2825
Description  LM2825 Integrated Power Supply 1A DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2825 Datasheet(HTML) 2 Page - Texas Instruments

  LM2825 Datasheet HTML 1Page - Texas Instruments LM2825 Datasheet HTML 2Page - Texas Instruments LM2825 Datasheet HTML 3Page - Texas Instruments LM2825 Datasheet HTML 4Page - Texas Instruments LM2825 Datasheet HTML 5Page - Texas Instruments LM2825 Datasheet HTML 6Page - Texas Instruments LM2825 Datasheet HTML 7Page - Texas Instruments LM2825 Datasheet HTML 8Page - Texas Instruments LM2825 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LM2825
SNVS127C – MAY 1997 – REVISED APRIL 2013
www.ti.com
Connection Diagram
“NC (Do not use)” pins: See Figure 25
Figure 1. PDIP Package
Top View
See Package Number NFL
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Maximum Input Supply (VIN)
+45V
SD/SS Pin Input Voltage(3)
6V
Output Pin Voltage
(3.3V, 5.0V and ADJ)
−1V ≤ V ≤ 9V
(12V and H-ADJ)
−1V ≤ V ≤ 16V
ADJ Pin Voltage (ADJ, H-ADJ only)
−0.3V ≤ V ≤ 25V
Power Dissipation
Internally Limited
Storage Temperature Range
−40°C to +125°C
ESD Susceptibility
Human Body Model(4)
2 kV
Lead Temperature (Soldering 10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Voltage internally clamped. If clamp voltage is exceeded, limit current to a maximum of 5 mA.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5k resistor into each pin.
Operating Ratings
Ambient Temperature Range
−40°C ≤ TA ≤ +85°C
Junction Temperature Range
−40°C ≤ TJ ≤ +125°C
Input Supply Voltage (3.3V version)
4.75V to 40V
Input Supply Voltage (5V version)
7V to 40V
Input Supply Voltage (12V version)
15V to 40V
Input Supply Voltage (-ADJ, H-ADJ)
4.5V to 40V
2
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LM2825


Similar Part No. - LM2825

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2825 NSC-LM2825 Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
logo
Texas Instruments
LM2825 TI1-LM2825 Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
logo
National Semiconductor ...
LM2825HN-ADJ NSC-LM2825HN-ADJ Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
logo
Texas Instruments
LM2825HN-ADJ/NOPB TI1-LM2825HN-ADJ/NOPB Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
logo
National Semiconductor ...
LM2825N-12 NSC-LM2825N-12 Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
More results

Similar Description - LM2825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2825 TI1-LM2825 Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
logo
National Semiconductor ...
LM2825 NSC-LM2825 Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
   14V, 1A DC power supply
Rev 1; 3/17
logo
Monolithic Power System...
MEZD71201A MPS-MEZD71201A Datasheet
455Kb / 2P
   4.5V - 24V Input, 1A, DC/DC Power Supply
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
TEMIC Semiconductors
U6229B TEMIC-U6229B Datasheet
100Kb / 8P
   DC/DC Converter - Power Supply 28 V
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
   1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
   1A STEP-DOWN DC-DC CONVERTER
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com