Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3445MMX Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3445MMX
Description  Triac Dimmable Offline LED Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445MMX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3445MMX Datasheet HTML 7Page - Texas Instruments LM3445MMX Datasheet HTML 8Page - Texas Instruments LM3445MMX Datasheet HTML 9Page - Texas Instruments LM3445MMX Datasheet HTML 10Page - Texas Instruments LM3445MMX Datasheet HTML 11Page - Texas Instruments LM3445MMX Datasheet HTML 12Page - Texas Instruments LM3445MMX Datasheet HTML 13Page - Texas Instruments LM3445MMX Datasheet HTML 14Page - Texas Instruments LM3445MMX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
1
2
3
4
5
6
7
8
9
10
GND
VCC
FLTR2
ASNS
FLTR1
ISNS
GATE
BLDR
COFF
DIM
LM3445MM
V+
D1
D2
R2
Q1
R5
C5
U1
C4
C3
R1
R11
LM3445
www.ti.com
SNVS570L – JANUARY 2009 – REVISED MAY 2013
Figure 17. LM3445 AC Line Sense Circuitry
D1 is typically a 15V zener diode which forces transistor Q1 to “stand-off” most of the rectified line voltage.
Having no capacitance on the source of Q1 allows the voltage on the BLDR pin to rise and fall with the rectified
line voltage as the line voltage drops below zener voltage D1 (see ANGLE DETECT).
A diode-capacitor network (D2, C5) is used to maintain the voltage on the VCC pin while the voltage on the
BLDR pin goes low. This provides the supply voltage to operate the LM3445.
Resistor R5 is used to bleed charge out of any stray capacitance on the BLDR node and may be used to provide
the necessary holding current for the dimmer when operating at light output currents.
TRIAC HOLDING CURRENT RESISTOR
In order to emulate an incandescent light bulb (essentially a resistor) with any LED driver, the existing triac will
require a small amount of holding current throughout the AC line cycle. An external resistor (R5) needs to be
placed on the source of Q1 to GND to perform this function. Most existing triac dimmers only require a few
milliamps of current to hold them on. A few “less expensive” triacs sold on the market will require a bit more
current. The value of resistor R5 will depend on:
What type of triac the LM3445 will be used with
How many light fixtures are running off of the triac
With a single LM3445 circuit on a common triac dimmer, a holding current resistor between 3 k
Ω and 5 kΩ will
be required. As the number of LM3445 circuits is added to a single dimmer, the holding resistor R5’s resistance
can be increased. A few triac dimmers will require a resistor as low as 1 k
Ω or lower for a single LM3445 circuit.
The trade-off will be performance vs efficiency. As the holding resistor R5 is increased, the overall efficiency per
LM3445 will also increase.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3445


Similar Part No. - LM3445MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445MMX NSC-LM3445MMX Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445MMX TI1-LM3445MMX Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445MMX/NOPB TI1-LM3445MMX/NOPB Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
More results

Similar Description - LM3445MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
   HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com