Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3410XSDX Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3410XSDX
Description  525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3410XSDX Datasheet(HTML) 3 Page - Texas Instruments

  LM3410XSDX Datasheet HTML 1Page - Texas Instruments LM3410XSDX Datasheet HTML 2Page - Texas Instruments LM3410XSDX Datasheet HTML 3Page - Texas Instruments LM3410XSDX Datasheet HTML 4Page - Texas Instruments LM3410XSDX Datasheet HTML 5Page - Texas Instruments LM3410XSDX Datasheet HTML 6Page - Texas Instruments LM3410XSDX Datasheet HTML 7Page - Texas Instruments LM3410XSDX Datasheet HTML 8Page - Texas Instruments LM3410XSDX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
LM3410, LM3410Q
www.ti.com
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
Table 3. Pin Descriptions - 8-Pin MSOP-PowerPad
Pin
Name
Function
1
-
No Connect
2
PGND
Power ground pin. Place PGND and output capacitor GND close together.
3
VIN
Supply voltage for power stage, and input supply voltage.
Dimming and shutdown control input. Logic high enables operation. Duty Cycle from 0 to 100%. Do not allow this pin
4
DIM
to float or be greater than VIN + 0.3V.
5
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
6
AGND
Signal ground pin. Place the bottom resistor of the feedback network as close as possible to this pin and pin 5
7
SW
Output switch. Connect to the inductor, output diode.
8
-
No Connect
Signal and Power ground. Connect to pin 2 and pin 6 on top layer. Place 4-6 vias from DAP to bottom layer GND
DAP
GND
plane.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN
-0.5V to 7V
SW Voltage
-0.5V to 26.5V
FB Voltage
-0.5V to 3.0V
DIM Voltage
-0.5V to 7.0V
ESD Susceptibility (3)
Human Body Model
2kV
Junction Temperature (4)
150°C
Storage Temp. Range
-65°C to 150°C
Soldering Information
Infrared/Convection Reflow (15sec)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD22-A114.
(4)
Thermal shutdown will occur if the junction temperature exceeds the maximum junction temperature of the device.
Operating Ratings
(1)
VIN
2.7V to 5.5V
VDIM
(2)
0V to VIN
VSW
3V to 24V
Junction Temperature Range
-40°C to 125°C
Power Dissipation
(Internal) SOT-23
400 mW
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
Do not allow this pin to float or be greater than VIN +0.3V.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3410 LM3410Q


Similar Part No. - LM3410XSDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3410XSDX NSC-LM3410XSDX Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410XSDX NSC-LM3410XSDX Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Texas Instruments
LM3410XSDX/NOPB TI1-LM3410XSDX/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
More results

Similar Description - LM3410XSDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3410 TI1-LM3410_14 Datasheet
1Mb / 44P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Texas Instruments
LM3410 TI1-LM3410 Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3405A TI1-LM3405A_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
LM3405AXMY TI-LM3405AXMY Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
logo
National Semiconductor ...
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com