Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8181SLB Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A8181SLB
Description  LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8181SLB Datasheet(HTML) 5 Page - Allegro MicroSystems

  A8181SLB Datasheet HTML 1Page - Allegro MicroSystems A8181SLB Datasheet HTML 2Page - Allegro MicroSystems A8181SLB Datasheet HTML 3Page - Allegro MicroSystems A8181SLB Datasheet HTML 4Page - Allegro MicroSystems A8181SLB Datasheet HTML 5Page - Allegro MicroSystems A8181SLB Datasheet HTML 6Page - Allegro MicroSystems A8181SLB Datasheet HTML 7Page - Allegro MicroSystems A8181SLB Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
8181
LOW-DROPOUT,
5 V REGULATOR
0
OUTPUT CURRENT, IO in mA
Dwg. GP-041
100
200
400
500
300
T = -20
°C
T = 25
°C
T = 85
°C
A
A
A
0.3
0.4
0.2
0.1
0.5
0
DROPOUT VOLTAGE
OUTPUT VOLTAGE vs TEMP.
CAUTION:
Maximum allowable duty cycle will be significantly less than 100% at high temperatures, at high input voltages, or at high output
currents. See Maximum Allowable Output Current table.
TYPICAL CHARACTERISTICS (cont’d)
5.0
Dwg. GP-040-2
6.0
7.0
9.0
10
8.0
T = 85
°C
A
5.04
5.00
5.02
4.98
4.96
4.94
5.06
4.92
I = 0 mA
O
I
= 500 mA
O
INPUT VOLTAGE, VI in VOLTS
100 mA INTERVALS
0
OUTPUT CURRENT, IO in mA
Dwg. GP-039-2
100
200
400
500
300
T = 85
°C
A
5.04
5.00
5.02
4.98
4.96
4.94
5.06
4.92
V = 7 V
I
V = 6 V
I
V = 8 V
I
V = 10 V
I
V = 5.5 V
I
LOAD REGULATION
LINE REGULATION
-50
AMBIENT TEMPERATURE, TA in
°C
Dwg. GP-036
5.01
4.99
0
+50
5.00
+100
4.98
V = 6 V
I
= 0 mA
I
O


Similar Part No. - A8181SLB

ManufacturerPart #DatasheetDescription
logo
Sanken electric
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
More results

Similar Description - A8181SLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8183 ALLEGRO-8183 Datasheet
108Kb / 8P
   LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8184 ALLEGRO-8184 Datasheet
119Kb / 8P
   LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8186 ALLEGRO-8186 Datasheet
76Kb / 8P
   LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
January 12, 1995
8187 ALLEGRO-8187 Datasheet
118Kb / 8P
   LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
8182 ALLEGRO-8182 Datasheet
111Kb / 8P
   LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
logo
Micrel Semiconductor
MIC38300 MICREL-MIC38300_13 Datasheet
907Kb / 15P
   3A High-Efficiency Low Dropout Regulator
MIC38150 MICREL-MIC38150 Datasheet
421Kb / 15P
   1.5A High Efficiency Low Dropout Regulator
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
logo
STMicroelectronics
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
   5 V low dropout voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com