Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4979D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4979D
Description  Low drop voltage regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4979D Datasheet HTML 3Page - STMicroelectronics L4979D Datasheet HTML 4Page - STMicroelectronics L4979D Datasheet HTML 5Page - STMicroelectronics L4979D Datasheet HTML 6Page - STMicroelectronics L4979D Datasheet HTML 7Page - STMicroelectronics L4979D Datasheet HTML 8Page - STMicroelectronics L4979D Datasheet HTML 9Page - STMicroelectronics L4979D Datasheet HTML 10Page - STMicroelectronics L4979D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
L4979D, L4979MD
Electrical specifications
Doc ID 10262 Rev 9
7/22
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the ratings listed in Table 3 may cause permanent damage to
the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to the conditions reported in this section for extended periods may affect device
reliability. Refer also to the STMicroelectronics SURE program and other relevant quality
documents.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vvsdc
DC supply voltage
-0.3 to 40
V
Ivsdc
Input current
Internally limited
Vvo
DC output voltage
-0.3 to 6 (1)
1.
Using the typical application schematic with Cout= 10 µF and Iout=0 A, when the regulator is switched-on,
an overshoot exceeding 6 V could occur.This behavior does not impact the reliability of the regulator.
V
Ivo
DC output current
Internally limited
Vwi
Watchdog input voltage
-0.3 to Vvo +0.3
V
Vod
Open drain output voltage (RES)
-0.3 to Vvo +0.3
V
Iod
Open drain output current (RES)
Internally limited
Vcr
Reset delay voltage
-0.3 to Vvo +0.3
V
Vcw
Watchdog delay voltage
-0.3 to Vvo +0.3
V
Ven
Enable input voltage
-0.3 to 40
V
Tj
Junction temperature
-40 to 150
°C
VESD
ESD voltage level (HBM-MIL STD 883C)
±2
kV
Table 4.
Thermal data
Symbol
Parameter
SO8
SO16+2+2
Unit
Rth j-amb
Thermal resistance junction to ambient
130 to 180
50 to 80
°C/W


Similar Part No. - L4979D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979D-E STMICROELECTRONICS-L4979D-E Datasheet
1Mb / 22P
   for car body applications
L4979D013TR STMICROELECTRONICS-L4979D013TR Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979D13TR STMICROELECTRONICS-L4979D13TR Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results

Similar Description - L4979D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com