Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8182SL Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A8182SL
Description  LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8182SL Datasheet(HTML) 7 Page - Allegro MicroSystems

  A8182SL Datasheet HTML 1Page - Allegro MicroSystems A8182SL Datasheet HTML 2Page - Allegro MicroSystems A8182SL Datasheet HTML 3Page - Allegro MicroSystems A8182SL Datasheet HTML 4Page - Allegro MicroSystems A8182SL Datasheet HTML 5Page - Allegro MicroSystems A8182SL Datasheet HTML 6Page - Allegro MicroSystems A8182SL Datasheet HTML 7Page - Allegro MicroSystems A8182SL Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
8182
LOW-DROPOUT,
3 V REGULATOR
LOAD TRANSIENT PERFORMANCE
ENABLE TRANSIENT PERFORMANCE
V
I = 3.2 V to 6.2 V, CO = 1 µF, IO = 60 mA, TA = 25°C
V
I = 3.2 V to 6.2 V, CO = 1 µF, TA = 25°C
Dwg. WP-026
VO
IO
100 mA
1 mA
3.5 V
3.0 V
2.5 V
<100
µs
<300
µs
Dwg. WP-027
VO
VE
0
3.0 V
0
<125
µs
<250
µs
VI
The RESET output of the comparator pro-
duces a logic low whenever the COMP input is
below 1.23 V. An out-of-regulation detector can
be configured by dividing down the regulator
output (an R/R divider is typical) and connecting it
to the COMP input. As tne regulator input is
ramped up, the RESET signal becomes valid
(low) at approximately V
I = 1.3 V. The RESET
signal will go high when V
C = 1.23 V (VO = 2.46 V
with an R/R divider). Comparator hysteresis
prevents oscillations under low battery conditions.
The RESET open-drain output requires an
external pull-up resistor. This can be returned to
either the input supply or the regulator output,
depending on suystem requirements. Note that
the RESET sink current is adds to the battery
drain in a low-battery condition. Suggested
values range from 100 k
Ω to 1 MΩ. RESET
should be left unconnected if it is not used.
INPUT, COMPARATOR, & OUTPUT RELATIONSHIPS
*Comparator input voltage is normally obtained
from a resistive divider off of the output.
10 V MAX.
1.23 V
V
V
V *
1.3 V
3.0 V
V
Dwg. WP-025
C(hys)
OUTPUT UNDEFINED
I
O
C
OR
V
TYPICAL CHARACTERISTICS (concluded)


Similar Part No. - A8182SL

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A8180 AITSEMI-A8180 Datasheet
794Kb / 19P
   LED LIGHTING DRIVER HIGH BRIGHTNESS LED DRIVER WITH INTERNAL SWITCH
REV3.0 - APR 2010
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
A8181 ALLEGRO-A8181 Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
logo
Sanken electric
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
A8181SLB ALLEGRO-A8181SLB Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
More results

Similar Description - A8182SL

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8183 ALLEGRO-8183 Datasheet
108Kb / 8P
   LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8184 ALLEGRO-8184 Datasheet
119Kb / 8P
   LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8186 ALLEGRO-8186 Datasheet
76Kb / 8P
   LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
January 12, 1995
8187 ALLEGRO-8187 Datasheet
118Kb / 8P
   LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
8181 ALLEGRO-8181 Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
logo
Micrel Semiconductor
MIC38300 MICREL-MIC38300_13 Datasheet
907Kb / 15P
   3A High-Efficiency Low Dropout Regulator
MIC38150 MICREL-MIC38150 Datasheet
421Kb / 15P
   1.5A High Efficiency Low Dropout Regulator
MIC38150 MICREL-MIC38150_10 Datasheet
507Kb / 15P
   HELDO짰 1.5A High Efficiency Low Dropout Regulator
MIC38300 MICREL-MIC38300_10 Datasheet
574Kb / 12P
   HELDO 3A High Efficiency Low Dropout Regulator
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
   5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com