Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8182SL Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A8182SL
Description  LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8182SL Datasheet(HTML) 8 Page - Allegro MicroSystems

  A8182SL Datasheet HTML 1Page - Allegro MicroSystems A8182SL Datasheet HTML 2Page - Allegro MicroSystems A8182SL Datasheet HTML 3Page - Allegro MicroSystems A8182SL Datasheet HTML 4Page - Allegro MicroSystems A8182SL Datasheet HTML 5Page - Allegro MicroSystems A8182SL Datasheet HTML 6Page - Allegro MicroSystems A8182SL Datasheet HTML 7Page - Allegro MicroSystems A8182SL Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8182
LOW-DROPOUT,
3 V REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
NOTES:
1. Lead spacing tolerance is non-cumulative.
2. Exact body and lead configuration at vendor’s option within limits shown.
Dimensions in Inches
(Based on 1 mm = 0.03937”)
Dimensions in Millimeters
0
° TO
0.1968
0.1890
0.2440
0.2284
0.050
0.016
Dwg. MA-007-8 in
0.050
BSC
0.0098
0.0075
8
1
0.1574
0.1497
0.020
0.013
0.0688
0.0532
0.0040 MIN.
0
° TO
5.00
4.80
6.20
5.80
1.27
0.40
Dwg. MA-007-8 mm
1.27
BSC
0.25
0.19
8
1
4.00
3.80
0.51
0.33
1.75
1.35
0.10 MIN.
Allegro MicroSystems, Inc. reserves the right to make, from
time to time, such departures from the detail specifications as
may be required to permit improvements in the design of its
products. Components made under military approvals will be in
accordance with the approval requirements.
The information included herein is believed to be accurate
and reliable. However, Allegro MicroSystems, Inc. assumes no
responsibility for its use; nor for any infringements of patents or
other rights of third parties which may result from its use.


Similar Part No. - A8182SL

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A8180 AITSEMI-A8180 Datasheet
794Kb / 19P
   LED LIGHTING DRIVER HIGH BRIGHTNESS LED DRIVER WITH INTERNAL SWITCH
REV3.0 - APR 2010
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
A8181 ALLEGRO-A8181 Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
logo
Sanken electric
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
A8181SLB ALLEGRO-A8181SLB Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
More results

Similar Description - A8182SL

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8183 ALLEGRO-8183 Datasheet
108Kb / 8P
   LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8184 ALLEGRO-8184 Datasheet
119Kb / 8P
   LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8186 ALLEGRO-8186 Datasheet
76Kb / 8P
   LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
January 12, 1995
8187 ALLEGRO-8187 Datasheet
118Kb / 8P
   LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
8181 ALLEGRO-8181 Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
logo
Micrel Semiconductor
MIC38300 MICREL-MIC38300_13 Datasheet
907Kb / 15P
   3A High-Efficiency Low Dropout Regulator
MIC38150 MICREL-MIC38150 Datasheet
421Kb / 15P
   1.5A High Efficiency Low Dropout Regulator
MIC38150 MICREL-MIC38150_10 Datasheet
507Kb / 15P
   HELDO짰 1.5A High Efficiency Low Dropout Regulator
MIC38300 MICREL-MIC38300_10 Datasheet
574Kb / 12P
   HELDO 3A High Efficiency Low Dropout Regulator
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
   5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com