Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOD-523 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # SOD-523
Description  Schottky barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SOD-523 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SOD-523 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SOD-523 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
BAT54X Schottky barrier Diodes
FEATURES
Extremely Fast Switching Speed
Low forward voltage – 0.35 V (Typ) @ IF= 10 mAdc
MARKING: JV
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter
Symbol
Limits
Unit
DC reverse voltage
VR
30
V
Forward current
IF
200
mA
Repetitive peak forward current
IFRM
300
mA
Non-repetitive peak forward current (t=1us)
IFSM
600
mA
Total Device Dissipation
PD
200
mW
Thermal Resistance Junction to Ambient
RθJA
635
℃/W
Junction temperature
Tj
150
Storage temperature
Tstg
150
Electrical Ratings @TA=25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse breakdown voltage
V(BR)R
30
IR=10uA
VF1
0.22
0.24
IF=0.1mA
VF2
0.41
0.5
IF=30mA
VF3
0.52
0.8
IF=100mA
VF4
0.29
0.32
IF=1.0mA
Forward voltage
VF5
0.35
0.40
V
IF=10mA
Reverse Recovery Time
trr
5
ns
IF=IR=10mAdc,IR(REC)=1mAdc
Reverse current
IR
0.5
2.0
μA
VR=25V
Total Capacitance
CT
7.6
10
pF
VR=1V,f=1MHZ
BAT54X
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
1.20
1.60
0.30
0.80
0.65
0.10
SOD-523
RoHS


Similar Part No. - SOD-523

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SOD-523 DIODES-SOD-523 Datasheet
174Kb / 12P
   SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
Shenzhen Luguang Electr...
SOD-523 LUGUANG-SOD-523 Datasheet
216Kb / 4P
   Single Line TVS Diode For ESD Protection Portable Electronics
SOD-523 LUGUANG-SOD-523 Datasheet
386Kb / 2P
   High Speed Switching Diode
SOD-523 LUGUANG-SOD-523 Datasheet
391Kb / 2P
   High Speed Switching Diode
SOD-523 LUGUANG-SOD-523 Datasheet
304Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - SOD-523

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com