Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOD-123 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # SOD-123
Description  High Breakdown Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

SOD-123 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  SOD-123 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD SOD-123 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
BAT46W
2.70
3.70
SOD-123
Features
·
High Breakdown Voltage
·
Low Turn-on Voltage
·
Guard Ring Construction for Transient
Protection
Characteristic
Symbol
BAT46W
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
IO
75
mA
Forward Continuous Current (Note 1)
IF
150
mA
Repetitive Peak Forward Current (Note 1)
@ tp < 1.0s, Duty Cycle < 50%
IFRM
350
mA
Forward Surge Forward Current (Note 1)
@ tp = 10ms
IFSM
750
mA
Power Dissipation (Note 1)
Pd
200
mW
Operating and Storage Temperature Range
Tj,TSTG
-55 to +125
°C
Maximum Ratings
@ TA = 25°C unless otherwise specified
Note:
1. Valid provided that terminals are kept at specified ambient temperature.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
100
V
IRS = 100mA pulses
Forward Voltage
VF
——
0.25
0.45
1.00
V
tp < 300ms, duty cycle < 2%
IF = 0.1mA
IF = 10mA
IF = 250mA
Reverse Leakage Current
IR
——
0.5
5.0
0.8
7.5
2.0
15
5.0
20
mA
tp < 300ms, duty cycle < 2%
VR = 1.5V
VR = 1.5V, Tj = 60°C
VR = 10V
VR = 10V, Tj = 60°C
VR = 50V
VR = 50V, Tj = 60°C
VR = 75V
VR = 75V, Tj = 60°C
Junction Capacitance
Cj
10
6.0
——
pF
VR = 0V, f = 1.0MHz
VR = 1.0V, f = 1.0MHz
Thermal Resistance, Junction to Ambient Air
RqJA
500
K/W
Note 1
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - SOD-123

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SOD-123 FORMOSA-SOD-123 Datasheet
52Kb / 1P
   Case No. MINI-SMA Device
logo
Shenzhen Luguang Electr...
SOD-123 LUGUANG-SOD-123 Datasheet
222Kb / 2P
   Fast Speed Switching Diodes
logo
Galaxy Semi-Conductor H...
SOD-123 BILIN-SOD-123 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
logo
Diodes Incorporated
SOD-123 DIODES-SOD-123 Datasheet
174Kb / 12P
   SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
Shenzhen Taychipst Elec...
SOD-123 TAYCHIPST-SOD-123 Datasheet
1Mb / 2P
   Switching Mode Power Supply Applications
More results

Similar Description - SOD-123

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
   High Breakdown Voltage
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDPE15U60G SEMIHOW-HDPE15U60G Datasheet
503Kb / 3P
   High breakdown voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDAE60F60G SEMIHOW-HDAE60F60G Datasheet
435Kb / 3P
   High Breakdown Voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42T1G MAKOSEMI-MMBTA42T1G Datasheet
85Kb / 2P
   High breakdown voltage
logo
SemiHow Co.,Ltd.
HDSE8U60G SEMIHOW-HDSE8U60G Datasheet
461Kb / 3P
   High breakdown voltage
HDAE75F60G SEMIHOW-HDAE75F60G Datasheet
437Kb / 3P
   High Breakdown Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com