Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GR40842P0GR50WA01D Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # GR40842P0GR50WA01D
Description  Chip Monolithic Ceramic Capacitors
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GR40842P0GR50WA01D Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button GR40842P0GR50WA01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GR40842P0GR50WA01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GR40842P0GR50WA01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GR40842P0GR50WA01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GR40842P0GR50WA01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GR40842P0GR50WA01D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GR40842P0GR50WA01D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GR40842P0GR50WA01D Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GR40842P0GR50WA01D Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 220 page
background image
Selection Guide of Chip Monolithic Ceramic Capacitors
7
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
GRM (X5R, X7R, Y5V etc.)
68pF–100
µF
GNM
10pF–2.2
µF
GRM (C0G)
0.1pF–0.1
µF
GRM (U2J etc.)
LLL
2200pF–10
µF
LLA/LLM (From 1GHz)
0.01
µF–4.7µF
ERB (1MHz to 1GHz)
0.5pF–1000pF
GJM (500MHz to 10GHz)
0.1pF–33pF
GQM (500MHz to 10GHz)
0.1pF–100pF
GMA 100pF–0.47
µF
GMD 100pF–1
µF
GRM (U2J)
10pF–10000pF
GRM (C0G)
5pF–47pF
GRM (X7R)
220pF–1
µF
GR7
10000pF–47000pF
GR4
100pF–10000pF
Type GD 10pF–4700pF
Type GF 10pF–4700pF
Type GC 100pF–330pF
Type GF 470pF–4700pF
Type GB 10000pF–33000pF
GA2
470pF–0.1
µF
GCM (X7R etc.)
100pF–47
µF
GCM (C0G etc.)
1.0pF–0.1
µF
High Capacitance
Array (2 or 4 Elements)
Class1 TC's;
Low Inductance
(Reverse Geometry)
Low Inductance
(Multi Termination)
Low ESR (50V to 500V)
Low ESR, Ultra Small
Lowest ESR
Wire-Die-Bonding
250V/630V/1kV/2kV/3.15kV
Low Dissipation
3.15kV
Low Dissipation
250V/630V/1kV
High Capacitance
350V
High Capacitance
2kV
High Capacitance
Safety Standard
Recognized
Safety Standard
Recognized
AC250V which meet
Japanese Law
High Capacitance
Class1 TC's;
250V/630V
Low Dissipation
Start
Medium Voltage
High Frequency Snubber
Optical Communications
High Frequency
High Speed Decoupling
Frequency Control/Tuning,
Impedance Matching
Decoupling, Smoothing
Automotive
(Power-train,
Safety Equipment)
Medium Voltage
LCD Backlight Inverter
Medium Voltage
Decoupling, Smoothing
Medium Voltage
Only for Camera Flash Circuit
GCM (U2J)
10pF–10000pF
Medium Voltage for Automotive
(Power-train, Safety Equipment)
AC Lines Noise Removal
Medium Voltage
Only for
Information Devices
/ Tip & Ring
Function
Type
Series
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
09.9.18


Similar Part No. - GR40842P0GR50WA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR40841X0E102KA01D MURATA-GR40841X0E102KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GR40841X0GR50 MURATA-GR40841X0GR50 Datasheet
79Kb / 5P
   Chip Monolithic Ceramic Capacitors
GR40841X0GR50 MURATA-GR40841X0GR50 Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GR40841X1H102KA01D MURATA-GR40841X1H102KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GR40841X1HR50KA01D MURATA-GR40841X1HR50KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GR40842P0GR50WA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com