Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXRS649BBGZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADXRS649BBGZ
Description  Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS649BBGZ Datasheet(HTML) 4 Page - Analog Devices

  ADXRS649BBGZ Datasheet HTML 1Page - Analog Devices ADXRS649BBGZ Datasheet HTML 2Page - Analog Devices ADXRS649BBGZ Datasheet HTML 3Page - Analog Devices ADXRS649BBGZ Datasheet HTML 4Page - Analog Devices ADXRS649BBGZ Datasheet HTML 5Page - Analog Devices ADXRS649BBGZ Datasheet HTML 6Page - Analog Devices ADXRS649BBGZ Datasheet HTML 7Page - Analog Devices ADXRS649BBGZ Datasheet HTML 8Page - Analog Devices ADXRS649BBGZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADXRS649
Data Sheet
Rev. B | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration (Any Axis, 0.5 ms)
Unpowered
10,000 g
Powered
10,000 g
VDD, AVCC
−0.3 V to +6.0 V
VRATIO
AVCC
ST1, ST2
AVCC
Output Short-Circuit Duration
(Any Pin to Common)
Indefinite
Operating Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Drops onto hard surfaces can cause shocks of greater than
10,000 g and can exceed the absolute maximum rating of the
device. Care should be exercised in handling to avoid damage.
RATE SENSITIVE AXIS
The ADXRS649 is a z-axis rate-sensing device (also called a yaw
rate-sensing device). It produces a positive going output voltage
for clockwise rotation about the axis normal to the package top,
that is, clockwise when looking down at the package lid.
RATE
AXIS
LONGITUDINAL
AXIS
LATERAL AXIS
+
A BCD
G
1
7
EF
A1
RATEOUT
RATE IN
4.75V
0.25V
A
VCC =5V
VRATIO/2
GND
Figure 2. RATEOUT Signal Increases with Clockwise Rotation
ESD CAUTION


Similar Part No. - ADXRS649BBGZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS649BBGZ-RL AD-ADXRS649BBGZ-RL Datasheet
261Kb / 12P
   Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
REV. 0
More results

Similar Description - ADXRS649BBGZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS649 AD-ADXRS649 Datasheet
261Kb / 12P
   Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com