Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8283SLB Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A8283SLB
Description  LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8283SLB Datasheet(HTML) 6 Page - Allegro MicroSystems

  A8283SLB Datasheet HTML 1Page - Allegro MicroSystems A8283SLB Datasheet HTML 2Page - Allegro MicroSystems A8283SLB Datasheet HTML 3Page - Allegro MicroSystems A8283SLB Datasheet HTML 4Page - Allegro MicroSystems A8283SLB Datasheet HTML 5Page - Allegro MicroSystems A8283SLB Datasheet HTML 6Page - Allegro MicroSystems A8283SLB Datasheet HTML 7Page - Allegro MicroSystems A8283SLB Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
8283
LNB SUPPLY AND
CONTROL-VOLTAGE REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6
Symbol
Terminal
Function
OSEL
1
Logic input: selects between LNB on (when high) and
bypass switch closed (when low)
OLF
2
Overload flag output: low when IO > IOM or IO > ISWM or
TJ > 165
°C, high when IO < IOM and IO < ISWM and TJ < 130°C
VBULK
3
Tracking supply voltage to linear regulators
MIOUT
4
Output voltage from MI (connect to terminal 9)
MI
5
Master input
GND
6, 7
Ground
SENSE
8Current limit setup resistor
LNB
9
Output voltage to LNB (connect to terminal 4)
LX
10
Inductor drive point
VIN
11
Supply input voltage (minimum, VLNB + 2.5 V)
TCAP
12
Capacitor for setting the rise and fall time of the outputs
LLC
13
Logic input: when high, increases output voltage by 1 V
for line length compensation
VSEL1
14
Logic input: output voltage select
VSEL0
15
Logic input: output voltage select
EN
16
Logic input: when high, enables device
ENT
17
Logic input: when high, enables internal 22 kHz
modulation
GND
18, 19
Ground
CPUMP
20
High side of charge-pump capacitor
VPUMP
21
Gate supply voltage for high-side drivers
PUMPX
22
Charge-pump drive
VINT
23
Bypass capacitor for internal voltage reference
EXTM
24
External modulation input
TerminalConfiguration


Similar Part No. - A8283SLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8281SLB ALLEGRO-A8281SLB Datasheet
375Kb / 14P
   LNB SUPPLY AND CONTROL-VOLTAGE REGULATORS
A8282SLB ALLEGRO-A8282SLB Datasheet
375Kb / 14P
   LNB SUPPLY AND CONTROL-VOLTAGE REGULATORS
A8284SB ALLEGRO-A8284SB Datasheet
177Kb / 8P
   TWO-OUTPUT LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
December 22, 2000
A8284SLB ALLEGRO-A8284SLB Datasheet
177Kb / 8P
   TWO-OUTPUT LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
December 22, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
   LNB Supply and Control Voltage Regulator
More results

Similar Description - A8283SLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
   LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
   LNB Supply and control voltage regulator
logo
Allegro MicroSystems
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
   LNB Supply and Control Voltage Regulator
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
   LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8292 ALLEGRO-A8292 Datasheet
408Kb / 19P
   Dual LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com