Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8707GTRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRF8707GTRPBF
Description  Control MOSFET of Sync-Buck  Converters used for Notebook  Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8707GTRPBF Datasheet(HTML) 9 Page - International Rectifier

  IRF8707GTRPBF Datasheet HTML 1Page - International Rectifier IRF8707GTRPBF Datasheet HTML 2Page - International Rectifier IRF8707GTRPBF Datasheet HTML 3Page - International Rectifier IRF8707GTRPBF Datasheet HTML 4Page - International Rectifier IRF8707GTRPBF Datasheet HTML 5Page - International Rectifier IRF8707GTRPBF Datasheet HTML 6Page - International Rectifier IRF8707GTRPBF Datasheet HTML 7Page - International Rectifier IRF8707GTRPBF Datasheet HTML 8Page - International Rectifier IRF8707GTRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF8707GPbF
www.irf.com
9
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 1.38mH, RG = 25Ω, IAS = 8.8A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ of approximately 90°C.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.07/2009
330.00
(12.992)
MAX.
14.40 ( .566 )
12.40 ( .488 )
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
FEED DIRECTION
TERMINAL NUMBER 1
12.3 ( .484 )
11.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
SO-8 Tape and Reel
Dimensions are shown in milimeters (inches)
Note: For the most current drawing please refer to IR website at http://www.irf.com/package


Similar Part No. - IRF8707GTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8707PBF IRF-IRF8707PBF Datasheet
248Kb / 9P
   HEXFET Power MOSFET
IRF8707PBF IRF-IRF8707PBF Datasheet
254Kb / 9P
   Fully Characterized Avalanche Voltage and Current
IRF8707PBF IRF-IRF8707PBF_15 Datasheet
254Kb / 9P
   Fully Characterized Avalanche Voltage and Current
logo
Guangdong Youtai Semico...
IRF8707TR UMW-IRF8707TR Datasheet
498Kb / 8P
   30V N-Channel MOSFET
logo
International Rectifier
IRF8707TRPBF IRF-IRF8707TRPBF Datasheet
254Kb / 9P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com