Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8852PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF8852PBF
Description   Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8852PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF8852PBF Datasheet HTML 1Page - International Rectifier IRF8852PBF Datasheet HTML 2Page - International Rectifier IRF8852PBF Datasheet HTML 3Page - International Rectifier IRF8852PBF Datasheet HTML 4Page - International Rectifier IRF8852PBF Datasheet HTML 5Page - International Rectifier IRF8852PBF Datasheet HTML 6Page - International Rectifier IRF8852PBF Datasheet HTML 7Page - International Rectifier IRF8852PBF Datasheet HTML 8Page - International Rectifier IRF8852PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
07/30/09
IRF8852PbF
HEXFET® Power MOSFET
Notes
 through … are on page 10
PD - 96246
TSSOP-8
Description
l Ultra Low On-Resistance
l Dual N-Channel MOSFET
l Very Small SOIC Package
l Low Profile (< 1.1mm)
l Available in Tape & Reel
l Lead-Free
HEXFET® Power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the ruggedized device design, that
International Rectifier is well known for,
provides the
designer with an extremely efficient and reliable
device for battery and load management.
The TSSOP-8 package has 45% less footprint area than
the standard SO-8. This makes the TSSOP-8 an ideal
device for applications where printed circuit board space is
at a premium. The low profile (<1.2mm) allows it to fit easily
into extremely thin environments such as portable
electronics and PCMCIA cards.
#
"
!
Ã2Ã9
!Ã2ÃT
"Ã2ÃT
#Ã2ÃB
'Ã2Ã9!
&Ã2ÃT!
%Ã2ÃT!
$Ã2ÃB!
$
%
&
'
VDSS
RDS(on) max
Id
11.3m:@VGS = 10V
7.8A
15.4m:@VGS = 4.5V
6.2A
25V
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
g
–––
53
RθJA
Junction-to-Ambient
f
–––
125
°C/W
W
°C
A
-55 to + 150
1.0
0.01
0.64
± 20
Max.
7.8
6.2
62.4
25


Similar Part No. - IRF8852PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8010 IRF-IRF8010 Datasheet
494Kb / 8P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRF8010 ISC-IRF8010 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF8010L IRF-IRF8010L Datasheet
223Kb / 10P
   SMPS MOSFET
logo
Inchange Semiconductor ...
IRF8010L ISC-IRF8010L Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF8010LPBF IRF-IRF8010LPBF Datasheet
220Kb / 10P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com