Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD18201T Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMD18201T
Description  3A, 55V H-Bridge
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMD18201T Datasheet(HTML) 4 Page - Texas Instruments

  LMD18201T Datasheet HTML 1Page - Texas Instruments LMD18201T Datasheet HTML 2Page - Texas Instruments LMD18201T Datasheet HTML 3Page - Texas Instruments LMD18201T Datasheet HTML 4Page - Texas Instruments LMD18201T Datasheet HTML 5Page - Texas Instruments LMD18201T Datasheet HTML 6Page - Texas Instruments LMD18201T Datasheet HTML 7Page - Texas Instruments LMD18201T Datasheet HTML 8Page - Texas Instruments LMD18201T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LMD18201
SNVS092D – APRIL 1998 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1) (continued)
The following specifications apply for VS = 42V, unless otherwise specified. Boldface limits apply over the entire operating
temperature range,
−40°C ≤ TJ ≤ +125°C, all other limits are for TA = TJ = 25°C.
Symbol
Parameter
Conditions
Typ
Limit
Units
IF(OFF)
Flag Output Leakage
VF = 12V
0.2
10
μA (max)
TJSD
Shutdown Temperature
Outputs Turn OFF
170
°C
IS
Quiescent Supply Current
All Logic Inputs Low
13
25
mA (max)
tD(ON)
Output Turn-On Delay Time
Sourcing Outputs, IOUT = 3A
300
ns
Sinking Outputs, IOUT = 3A
300
ns
tON
Output Turn-On Switching Time
Bootstrap Capacitor = 10 nF
Sourcing Outputs, IOUT = 3A
100
ns
Sinking Outputs, IOUT = 3A
80
ns
tD(OFF)
Output Turn-Off Delay Times
Sourcing Outputs, IOUT = 3A
200
ns
Sinking Outputs, IOUT = 3A
200
ns
tOFF
Output Turn-Off Switching Times
Bootstrap Capacitor = 10 nF
Sourcing Outputs, IOUT = 3A
75
ns
Sinking Outputs, IOUT = 3A
70
ns
tPW
Minimum Input Pulse Width
Pins 3, 4 and 5
1
μs
tCPR
Charge Pump Rise Time
No Bootstrap Capacitor
20
μs
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LMD18201


Similar Part No. - LMD18201T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18201T NSC-LMD18201T Datasheet
261Kb / 8P
   3A, 55V H-Bridge
More results

Similar Description - LMD18201T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
   3A, 55V H-Bridge
logo
Texas Instruments
LMD18200 TI-LMD18200_15 Datasheet
664Kb / 20P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200 NSC-LMD18200 Datasheet
439Kb / 13P
   3A, 55V H-Bridge
LMD18201 NSC-LMD18201 Datasheet
261Kb / 8P
   3A, 55V H-Bridge
LMD18200 NSC-LMD18200_05 Datasheet
877Kb / 14P
   3A, 55V H-Bridge
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
   3A, 55V DMOS H-BRIDGE
logo
Texas Instruments
LMD18200 TI-LMD18200_13 Datasheet
689Kb / 19P
[Old version datasheet]   LMD18200 3A, 55V H-Bridge
LMD18200QML TI1-LMD18200QML Datasheet
340Kb / 18P
[Old version datasheet]   2.4A, 55V H-Bridge
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
   3A, 55V DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com