Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8640HVMKX-H Datasheet(PDF) 10 Page - Texas Instruments

Part # LMP8640HVMKX-H
Description  Precision High Voltage Current Sense Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8640HVMKX-H Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP8640HVMKX-H Datasheet HTML 6Page - Texas Instruments LMP8640HVMKX-H Datasheet HTML 7Page - Texas Instruments LMP8640HVMKX-H Datasheet HTML 8Page - Texas Instruments LMP8640HVMKX-H Datasheet HTML 9Page - Texas Instruments LMP8640HVMKX-H Datasheet HTML 10Page - Texas Instruments LMP8640HVMKX-H Datasheet HTML 11Page - Texas Instruments LMP8640HVMKX-H Datasheet HTML 12Page - Texas Instruments LMP8640HVMKX-H Datasheet HTML 13Page - Texas Instruments LMP8640HVMKX-H Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TIME (400 ns /DIV)
GAIN 20V/V
GAIN 50V/ V
GAIN 100 V/V
VSENSE
VS = 5V, VCM = 12V
TIME (400 ns/DIV)
GAIN 20V/V
GAIN 50V/V
GAIN 100V/V
VSENSE
VS = 5V, VCM = 12V
TIME (2 Ps/DIV)
GAIN 20V/V
GAIN 50V/V
GAIN 100
VSENSE
VS=12V, VCM =12V
TIME (2 Ps/DIV)
GAIN 20V/ V
GAIN 50V/V
GAIN 100V/V
VSENSE
VS = 5V, VCM = 12V
VSENSE (mV)
13.0
12.0
11.0
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
0
100
200
300
400
500
600
GAIN 20V/V
GAIN 50V/V
GAIN 100V/V
VS=12V, VCM =12V
VSENSE (mV)
300
250
200
150
100
50
0
-3
-2
-1
0
1
2
3
GAIN 20V/V
GAIN 50V/V
GAIN 100V/ V
VS=12V, VCM=12V
LMP8640
LMP8640HV
SNOSB28F – AUGUST 2010 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C, VS=V
+-V-, V
SENSE= +IN - (-IN), RL = 10 MΩ.
Output voltage vs. VSENSE
Output voltage vs. VSENSE (ZOOM close to 0V)
Figure 14.
Figure 15.
Large Step response
Small Step response
Figure 16.
Figure 17.
Settling time (fall)
Settling time (rise)
Figure 18.
Figure 19.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8640 LMP8640HV


Similar Part No. - LMP8640HVMKX-H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640HVMKX-H NSC-LMP8640HVMKX-H Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HVMKX-H/NOPB TI1-LMP8640HVMKX-H/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
More results

Similar Description - LMP8640HVMKX-H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
logo
Texas Instruments
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
   Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com